Electronic Components Datasheet Search
  English  ▼

X  

BAW56T Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # BAW56T
Description  BAW56T/BAV70T/BAV99T SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAW56T Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  BAW56T Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAW56T Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAW56T Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAW56T Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1727, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
BAW56T
BAV70T
BAV99T
BAW56T/BAV70T/BAV99T SWITCHING DIODE
BAW56T
BAV70T
BAV99T
MARKING:JD
MARKING:JJ
MARKING:JE
Solid dot = Green molding compound device, if none, the normal device.
Features
Maximum Ratings@TA=25°C unless otherwise specified
Parameter
Symbol
Limit
Units
Reverse Voltage
VR
85
V
Forward Current
IF
75
mA
Non-repetitive Peak Forward
Surge Current @t=8.3ms
IFSM
2.0
A
Power Dissipation
PD
150
mW
Thermal Resistance from Junction to Ambient
RΘJA
833
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Low Forward Voltage Drop
Fast Switching
PN Junction Guard Ring for Transient and
ESD Protection
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SOT-523


Similar Part No. - BAW56T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAW56T PHILIPS-BAW56T Datasheet
72Kb / 12P
High-speed double diode
1997 Dec 19
logo
Diodes Incorporated
BAW56T DIODES-BAW56T Datasheet
200Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Infineon Technologies A...
BAW56T INFINEON-BAW56T Datasheet
128Kb / 8P
Silicon Switching Diode
Jun-03-2003
logo
Weitron Technology
BAW56T WEITRON-BAW56T Datasheet
265Kb / 3P
Surface Mount Switching Diodes
logo
Diodes Incorporated
BAW56T DIODES-BAW56T Datasheet
90Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 7 - 2
More results

Similar Description - BAW56T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com