Electronic Components Datasheet Search
  English  ▼

X  

BY133 Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # BY133
Description  BY133 1.0A SILICON RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BY133 Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  BY133 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BY133 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BY133 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BY133 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0551 Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BY133
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions DO-41
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
25.4
-
1.000
-
B
4.06
5.21
0.160
0.205
C
0.71
0.864
0.028
0.034
D
2.00
2.72
0.079
0.107
Ordering Information
Marking Diagram
Device
Package
Shipping
BY133
DO-41
(Pb-Free)
5000pcs / reel
BY133TR
DO-41
(Pb-Free)
5000pcs / reel
BY133TA
DO-41
(Pb-Free)
5000pcs / tape
Carrier Tape Specification DO-41
SYMBOL
Millimeters
Min.
Max.
A
4.50
5.50
B
50.9
53.9
Z
-
1.20
T
5.60
6.40
E
-
0.80
IL1-L2I
-
1.0
BY133
= Part Name



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com