Electronic Components Datasheet Search
  English  ▼

X  

DB151S Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # DB151S
Description  DB151S THRU DB157S SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

DB151S Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  DB151S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD DB151S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD DB151S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD DB151S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD DB151S Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Data Sheet N1476, Rev. C
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
DB151S THRU DB157S
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Ordering Information
Marking Diagram
Device
Package
Plating
Shipping
DB151S
THRU
DB157S
DB-S
(Pb-Free)
Pure Sn
1500pcs / reel
Carrier Tape Specification DB-S
SYMBOL
Millimeters
Min.
Max.
A0
8.65
8.95
B0
10.31
10.51
D0
1.50
1.60
D1
1.40
1.60
P0
3.90
4.10
P1
11.90
12.10
P2
1.90
2.10
E
1.65
1.85
K0
3.21
3.41
F
7.40
7.60
W
15.70
16.30
T
0.30
0.40
10P0
39.80
40.20
Where XXXXX is YYWWL
DB151S
= Type Number
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com