Electronic Components Datasheet Search
  English  ▼

X  

DSS22 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # DSS22
Description  DSS22 THRU DSS220 SINGLE PHASE 2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

DSS22 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  DSS22 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD DSS22 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD DSS22 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD DSS22 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD DSS22 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1694, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
DSS22
THRU
DSS220
DSS22 THRU DSS220
SINGLE PHASE 2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Note: 1. Measured at 1MHz and applied reverse voltage of 4V D.C
2. PCB mounted on 0.2 X 0.2" (5.0 X 5.0 mm) copper pad areas.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol DSS
22
DSS
23
DSS
24
DSS
25
DSS
26
DSS
28
DSS
210
DSS
215
DSS
220
Units
Marking
Code
D22
D23
D24
D25
D26
D28
D210
D215
D220
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
20
30
40
50
60
80
100
150
200
V
VDC
20
30
40
50
60
80
100
150
200
V
RMS Reverse Voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Average Rectified Output Current at TL=90℃
IF(AV)
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
Rated load(JEDEC Method)
IFSM
40
A
Forward Voltage per element @IF=2.0A
VF
0.55
0.70
0.85
0.92
V
Peak Reverse Current TA=25 ℃
at rated DC blocking voltage TA=100 ℃
IR
0.5
mA
10
5
Typical Junction Capacitance (Note 1)
CJ
80
40
pF
Typical Thermal Resistance Junction
to Ambient (Note 2)
RθJA
75
°C/W
Junction and Storage Temperature Range
TJ
-55 to +150
°C
Junction and Storage Temperature Range
TSTG
-55 to +150
°C
Case: SOD-123FL, molded plastic
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band dentes cathode end
Mounting Position: Any
The plastic package carries Underwriters
Laboratory Flammability Classification 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High temperature soldering guaranteed: 260/10°C
seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg)
tension
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request
SOD-123FL


Similar Part No. - DSS22

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSS22 FORMOSA-DSS22 Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
DSS22 CHENDA-DSS22 Datasheet
565Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sangdest Microelectroni...
DSS22 SMC-DSS22 Datasheet
155Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
DSS22 DYELEC-DSS22 Datasheet
2Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jiangsu High diode Semi...
DSS22 HDSEMI-DSS22 Datasheet
1Mb / 4P
SOD-123SL Plastic-Encapsulate Diodes
More results

Similar Description - DSS22

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK24BL SECOS-SK24BL Datasheet
305Kb / 2P
2.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SK2BSA CYSTEKEC-SK2BSA Datasheet
280Kb / 6P
2.0Amp. Surface Mount Schottky Barrier Diodes
SK2BSB CYSTEKEC-SK2BSB Datasheet
252Kb / 6P
2.0Amp. Surface Mount Schottky Barrier Diodes
SK28SA CYSTEKEC-SK28SA Datasheet
280Kb / 6P
2.0Amp. Surface Mount Schottky Barrier Diodes
SK260SC CYSTEKEC-SK260SC Datasheet
150Kb / 5P
2.0Amp. Surface Mount Schottky Barrier Diodes
logo
DIYI Electronic Technol...
A21 DYELEC-A21 Datasheet
1Mb / 2P
SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
F21 DYELEC-F21 Datasheet
2Mb / 2P
SINGLE PHASE 2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
SMC Diode Solutions Co....
DSS12U SMCDIODE-DSS12U Datasheet
318Kb / 5P
DSS12U THRU DSS120U SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DSS22U SMCDIODE-DSS22U Datasheet
310Kb / 5P
DSS22U THRU DSS220U SINGLE PHASE 2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DSS32 SMCDIODE-DSS32 Datasheet
286Kb / 4P
DSS32 THRU DSS320 SINGLE PHASE 3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com