Electronic Components Datasheet Search
  English  ▼

X  

DSS34 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # DSS34
Description  DSS34 SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

DSS34 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  DSS34 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD DSS34 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD DSS34 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD DSS34 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1824, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
DSS34
DSS34 SCHOTTKY BARRIER RECTIFIER
Characteristic
Symbol
DSS34
Units
Marking code
S34
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VDC
40
V
Maximum RMS voltage
VRMS
28
V
Maximum Average Forward Rectified Current (See fig.1)
IF(AV)
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
80.0
A
Max Instantaneous Forward Voltage at 3.0A (Note 1)
VF
0.50
V
Peak Reverse Current (Note 1)
@TA = 25°C
At Rated DC Blocking Voltage (Note 1) @TA = 100°C
IRM
0.2
mA
20
Typical Junction Capacitance(Note 3)
CJ
250
pF
Typical Thermal Resistance(Note 2)
RθJA
RθJL
55
17
°C/W
Operating Temperature Range
TJ
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Pulse test: 300 us pulse width, 1% duty cycle.
2. PCB mounted on 0.55 X 0.55" (14 X 14 mm) copper pad areas.
3. Measured at 1MHz and applied reverse voltage of 4V D.C
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: SOD-123FL, molded plastic
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band dentes cathode end
Mounting Position: Any
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction, majority carrier conduction
For surface mount applications
Low power loss, high efficiency
High current capability, Low forward voltage drop
Low profile package
Built-in strain relief, ideal for automated placement
For use in low voltage, high frequency inverters, free
wheeling, and polarity applications
High temperature soldering guaranteed: 260°C/10
seconds at terminals
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request
SOD-123FL


Similar Part No. - DSS34

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSS34 FORMOSA-DSS34 Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
DSS34 CHENDA-DSS34 Datasheet
549Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sangdest Microelectroni...
DSS34 SMC-DSS34 Datasheet
305Kb / 4P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
DIYI Electronic Technol...
DSS34 DYELEC-DSS34 Datasheet
2Mb / 2P
SINGLE PHASE 3.0A MP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jiangsu High diode Semi...
DSS345-F HDSEMI-DSS345-F Datasheet
1Mb / 4P
SOD-123FL Plastic-Encapsulate Diodes
More results

Similar Description - DSS34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
20-Apr-2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com