Electronic Components Datasheet Search
  English  ▼

X  

ER2K Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # ER2K
Description  ER2K ULTRAFAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ER2K Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  ER2K Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ER2K Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ER2K Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ER2K Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1687, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ER2K
ER2K ULTRAFAST RECTIFIER
Characteristic
Symbol
ER2K
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
800
V
RMS Reverse Voltage
VR(RMS)
560
V
Average Rectified Output Current
@TA = 75°C
Io
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50.0
A
Forward Voltage
@IF = 2.0A, TJ=25°C
VF
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50.0
µA
Typical Thermal Resistance Junction to Lead (Note 1)
RθJA
40
°C/W
Maximum Reverse Recovery Time (Note 2)
Trr
75
ns
Typical Junction Capacitance (Note 3)
CJ
60
pF
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Note: 1. Mounted on P.C. Board with 8.0mm2 lead area
2. Measured with IF=0.5A, IR=1.0A, Irr=0.25A,
3. Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: Low Profile Molded Plastic
Terminals: Solder Plated, Solderable per MIL-STD-750,
Method 2026
Polarity: Cathode Band or Cathode Notch
Marking: Type Number
Weight: 0.09grams(approx)
Glass Passivated Die Construction
Ideally Suited for Automatic Assembly
Low Forward Overload Drop, High Efficiency
Low Power Loss
Super-Fast Recovery Time
Plastic Case Material has UL Flammability
Classification Rating 94V-O
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SMB


Similar Part No. - ER2K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER2K MCC-ER2K Datasheet
902Kb / 3P
2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ER2K DIOTEC-ER2K Datasheet
164Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
ER2K DIOTEC-ER2K Datasheet
69Kb / 2P
Superfast Switching Surface Mount Si-Diodes
logo
Micro Commercial Compon...
ER2K MCC-ER2K Datasheet
254Kb / 4P
2 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ER2K DIOTEC-ER2K Datasheet
103Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
More results

Similar Description - ER2K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com