Electronic Components Datasheet Search
  English  ▼

X  

PMPB16EP Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMPB16EP
Description  30 V, P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB16EP Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMPB16EP Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB16EP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Nexperia
PMPB16EP
30 V, P-channel Trench MOSFET
aaa-030149
VDS (V)
10-1
102
10
1
102
ID
(A)
10-2
10-1
1
10
DC; Tsp = 25 °C
DC; Tamb = 25 °C;
drain mounting pad 6 cm2
tp = 10 µs
100 µs
1 ms
10 ms
100 ms
Limit RDSon = VDS/ID
Fig. 3. Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-
source voltage
PMPB16EP
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
24 September 2019
4 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com