Electronic Components Datasheet Search
  English  ▼

X  

PMPB24EP Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PMPB24EP
Description  30 V, P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB24EP Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PMPB24EP Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMPB24EP Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMPB24EP Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB24EP Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB24EP Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB24EP Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB24EP Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB24EP Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB24EP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PMPB24EP
30 V, P-channel Trench MOSFET
22 October 2018
Product data sheet
1. General description
P-channel enhancement mode Field-Effect Transistor (FET) in a leadless medium power
DFN2020MD-6 (SOT1220) Surface-Mounted Device (SMD) plastic package using Trench
MOSFET technology.
2. Features and benefits
• Logic-level compatible
• Trench MOSFET technology
• Side wettable flanks for optical solder inspection
• Small and leadless ultra thin SMD plastic package: 2 x 2 x 0.65 mm
• Exposed drain pad for excellent thermal conduction
3. Applications
• Charging switch for portable devices
• DC-to-DC converters
• Power management in battery-driven portable devices
• Hard disk and computing power management
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
-
-
-30
V
VGS
gate-source voltage
Tj = 25 °C
-20
-
20
V
ID
drain current
VGS = -10 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
-
-9.5
A
Static characteristics
RDSon
drain-source on-state
resistance
VGS = -10 V; ID = -6.4 A; Tj = 25 °C
-
24
28
mΩ
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for drain 6 cm2.


Similar Part No. - PMPB24EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMPB20EN NXP-PMPB20EN Datasheet
1Mb / 15P
30 V N-channel Trench MOSFET
Rev. 1-16 May 2012
logo
Nexperia B.V. All right...
PMPB20EN NEXPERIA-PMPB20EN Datasheet
349Kb / 15P
30 V, N-channel Trench MOSFET
12 July 2018
logo
NXP Semiconductors
PMPB20EN PHILIPS-PMPB20EN_15 Datasheet
275Kb / 15P
30 V N-channel Trench MOSFET
14 January 2014
logo
Nexperia B.V. All right...
PMPB20UN NEXPERIA-PMPB20UN Datasheet
351Kb / 14P
20 V, single N-channel Trench MOSFET
PMPB20XNEA NEXPERIA-PMPB20XNEA Datasheet
739Kb / 16P
20 V, N-channel Trench MOSFET
More results

Similar Description - PMPB24EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMXB120EPE NXP-PMXB120EPE Datasheet
252Kb / 15P
30 V, P-channel Trench MOSFET
24 September 2013
PMZ1200UPE PHILIPS-PMZ1200UPE_15 Datasheet
220Kb / 15P
30 V, P-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMN70EPE NEXPERIA-PMN70EPE Datasheet
271Kb / 15P
30 V, P-channel Trench MOSFET
PMV35EPE NEXPERIA-PMV35EPE Datasheet
730Kb / 15P
30 V, P-channel Trench MOSFET
PMV50EPEA NEXPERIA-PMV50EPEA Datasheet
727Kb / 16P
30 V, P-channel Trench MOSFET
PMZ320UPE NEXPERIA-PMZ320UPE Datasheet
715Kb / 15P
30 V, P-channel Trench MOSFET
PMZ1200UPE NEXPERIA-PMZ1200UPE Datasheet
710Kb / 15P
30 V, P-channel Trench MOSFET
PMPB12R5EP NEXPERIA-PMPB12R5EP Datasheet
316Kb / 14P
30 V, P-channel Trench MOSFET
1 March 2021
PMPB16EP NEXPERIA-PMPB16EP Datasheet
313Kb / 14P
30 V, P-channel Trench MOSFET
24 September 2019
PMPB17EP NEXPERIA-PMPB17EP Datasheet
305Kb / 14P
30 V, P-channel Trench MOSFET
26 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com