Electronic Components Datasheet Search
  English  ▼

X  

PMV60EN Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMV60EN
Description  TrenchMOS™ enhanced logic level FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMV60EN Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMV60EN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMV60EN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMV60EN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMV60EN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMV60EN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMV60EN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMV60EN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMV60EN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMV60EN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PMV60EN
µTrenchMOS™ enhanced logic level FET
Rev. 01 — 15 January 2003
Product data
M3D088
1.
Product profile
1.1 Description
N-channel enhancement mode field-effect transistor in a plastic package using
TrenchMOS™ technology.
Product availability:
PMV60EN in SOT23.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
s Surface mount package
s Fast switching.
s Battery management
s High speed switch.
s VDS ≤ 30 V
s ID ≤ 4.7 A
s Ptot ≤ 2W
s RDSon ≤ 55 mΩ
Table 1:
Pinning - SOT23 simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT23
2
source (s)
3
drain (d)
MSB003
Top view
12
3
s
d
g
MBB076



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com