Electronic Components Datasheet Search
  English  ▼

X  

52003140 Datasheet(PDF) 1 Page - Lapp.

Part # 52003140
Description  SILVYN® SCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

52003140 Datasheet(HTML) 1 Page - Lapp.

  52003140 Datasheet HTML 1Page - Lapp. 52003140 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5200 3130
DATA SHEET
Valid from:
08.05.2018
SILVYN® SCH
Creator: MAAU1/PDP
Released: DAMU1/PDP
Document: DB52003130EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
The SILVYN
® SCH is a multi-range hose clamp, with worm drive.
The hose clamp is suitable for applications with higher mechanical stress.
Material:
Body
Stainless steel, blanc
Screw
Steel, zinc plated
Band
Stainless steel, blanc
Technical Features:
Screw
Worm drive with cross recess and width across flats 7
Clamping range
10 up to 60mm
Additional features:
Resistant to corrosion
Reference standards:
DIN 3017-1
Suitable conduit gland:
SILVYN
® SSV
SILVYN
® SSV-M
SILVYN
® SSVZ
SILVYN
® SSVZ-M
Suitable conduits:
SILVYN
® SI
SILVYN
® SP
SILVYN
® SP-PU
For more information please see our current catalogue. Please do not hesitate to contact our laboratory if there are any
questions regarding resistance against aggressive agents and special oil.


Similar Part No. - 52003140

ManufacturerPart #DatasheetDescription
logo
Hutchinson Paulstra
520031 PAULSTRA-520031 Datasheet
190Kb / 4P
RADIAFLEX
More results

Similar Description - 52003140

ManufacturerPart #DatasheetDescription
logo
Lapp.
52005810 LAPP-52005810 Datasheet
91Kb / 2P
SILVYN® USK
04.07.2019
55501850 LAPP-55501850 Datasheet
205Kb / 2P
SILVYN® SSVZ-M
06.06.2023
55502470 LAPP-55502470 Datasheet
123Kb / 2P
SILVYN® MPC
03.07.2018
55502601 LAPP-55502601 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
55502611 LAPP-55502611 Datasheet
108Kb / 2P
SILVYN® US-M AS / SILVYN® US AS
07.03.2019
55506905 LAPP-55506905 Datasheet
121Kb / 2P
SILVYN® FCL
22.12.2020
55507000 LAPP-55507000 Datasheet
89Kb / 1P
SILVYN® FPAC
03.07.2018
55510700 LAPP-55510700 Datasheet
97Kb / 2P
SILVYN® HYGIENIC
03.07.2018
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
61806690 LAPP-61806690 Datasheet
90Kb / 1P
SILVYN® SPLIT COS
11.02.2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com