Electronic Components Datasheet Search
  English  ▼

X  

52005480 Datasheet(PDF) 1 Page - Lapp.

Part # 52005480
Description  SKINDICHT® SVF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

52005480 Datasheet(HTML) 1 Page - Lapp.

  52005480 Datasheet HTML 1Page - Lapp. 52005480 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52005480
DATA SHEET
Valid from:
03.07.2018
SKINDICHT® SVF
Creator: M. Jurak /PDP
Released: DAMU1/PDP
Document: DB52005480EN
Version: 04
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
The SKINDICHT
® SVF is a flat cable gland made of brass with hexagonal body. The special
feature of this flat cable gland is the design of the sealing lips. The lateral sealing lips fit
automatically around various cable dimensions, so that flat cables of different outer
dimensions can be sealed with only one seal for each PG-size.
With suitable matching it is even possible to fit two flat cables with one gland.
Components:
Gland body
Brass, nickel-plated
Pressure screw
Brass, nickel-plated
Flat cable seal
CR
Pressure washers
Steel, zinc-plated
Technical features:
Connecting thread
PG16 up to PG48 acc. to DIN 40430
Protection class
IP54 acc. to EN 60529
Temperature range
-20 °C up to +100 °C
Norm references:
Note:
For suitable flat cables see ÖLFLEX
®
LIFT F for indoor applications or
ÖLFLEX
® CRANE F for outdoor applications.
Counter nut to be used SKINDICHT
® SM.


Similar Part No. - 52005480

ManufacturerPart #DatasheetDescription
logo
Hutchinson Paulstra
520054 PAULSTRA-520054 Datasheet
190Kb / 4P
RADIAFLEX
logo
Lapp.
52005470 LAPP-52005470 Datasheet
122Kb / 2P
SKINDICHT® SVFK
03.07.2018
More results

Similar Description - 52005480

ManufacturerPart #DatasheetDescription
logo
Lapp.
52001970 LAPP-52001970 Datasheet
119Kb / 2P
SKINDICHT® SNR
03.07.2018
52002530 LAPP-52002530 Datasheet
153Kb / 2P
SKINDICHT® SHV
03.07.2018
52002680 LAPP-52002680 Datasheet
99Kb / 1P
SKINDICHT® BL
22.11.2018
52003490 LAPP-52003490 Datasheet
102Kb / 1P
SKINDICHT® SM
21.10.2022
52005470 LAPP-52005470 Datasheet
122Kb / 2P
SKINDICHT® SVFK
03.07.2018
52005540 LAPP-52005540 Datasheet
178Kb / 2P
SKINDICHT® SVRE
06.06.2023
52005780 LAPP-52005780 Datasheet
148Kb / 1P
SKINDICHT® E
11.10.2021
52005949 LAPP-52005949 Datasheet
126Kb / 1P
SKINDICHT® BLK
03.07.2018
52010780 LAPP-52010780 Datasheet
195Kb / 3P
SKINDICHT® SRE
03.07.2018
52107320 LAPP-52107320 Datasheet
148Kb / 2P
SKINDICHT® SVF-M
03.07.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com