Electronic Components Datasheet Search
  English  ▼

X  

SST12LP14A Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST12LP14A
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP14A Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST12LP14A Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
©2005 SST Communications Corp.
S71300-02-000
3/06
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
FEATURES:
•
High Gain:
– Typically 29 dB gain across 2.4~2.5 GHz over
temperature 0°C to +85°C
•
High linear output power:
– >28 dBm P1dB
- Please refer to “Absolute Maximum Stress
Ratings” on page 4
– Meets 802.11g OFDM ACPR requirement up to
23 dBm
– ~4% added EVM up to 21 dBm for
54 Mbps 802.11g signal
– Meets 802.11b ACPR requirement up to 23 dBm
•
High power-added efficiency/Low operating
current for both 802.11g/b applications
– ~23%/210 mA @ POUT = 22 dBm for 802.11g
– ~25%/240 mA @ POUT = 23 dBm for 802.11b
•
Single-pin low IREF power-up/down control
–IREF <2 mA
•
Low idle current
–~70 mA ICQ
•
High-speed power-up/down
– Turn on/off time (10%- 90%) <100 ns
– Typical power-up/down delay with driver delay
included <200 ns
•
High temperature stability
– ~1 dB gain/power variation between 0°C to +85°C
•
Low shut-down current (< 0.1 µA)
•
Excellent On-chip power detection
– <+/- 0.3dB variation between 0°C to +85°C
– <+/- 0.4dB variation with 2:1 VSWR mismatch
– <+/- 0.3dB variation Ch1 through Ch14
•
20 dB dynamic range on-chip power detection
•
Simple input/output matching
•
Packages available
– 16-contact VQFN – 3mm x 3mm
•
All non-Pb (lead-free) devices are RoHS compliant
APPLICATIONS:
•
WLAN (IEEE 802.11g/b)
•Home RF
•
Cordless phones
•
2.4 GHz ISM wireless equipment
PRODUCT DESCRIPTION
The SST12LP14A is a versatile power amplifier based on
the highly-reliable InGaP/GaAs HBT technology.
The SST12LP14A can be easily configured for high-power
applications with good power-added efficiency while oper-
ating over the 2.4- 2.5 GHz frequency band. It typically pro-
vides 29 dB gain with 23% power-added efficiency @ POUT
= 22 dBm for 802.11g and 25% power-added efficiency @
POUT = 23 dBm for 802.11b.
The SST12LP14A has excellent linearity, typically ~4%
added EVM at 21 dBm output power which is essential for
54 Mbps 802.11g operation while meeting 802.11g spec-
trum mask at 23 dBm. The SST12LP14A can also be con-
figured for high-efficiency operation (typically 17 dBm linear
54 Mbps 802.11g output power at 85 mA total power con-
sumption) which is desirable in embedded applications
such as in hand-held units.
The SST12LP14A also features easy board-level usage
along with high-speed power-up/down control through a
single combined reference voltage pin. Ultra-low reference
current (total IREF ~2 mA) makes the SST12LP14A control-
lable by an on/off switching signal directly from the base-
band chip. These features coupled with low operating
current make the SST12LP14A ideal for the final stage
power amplification in battery-powered 802.11g/b WLAN
transmitter applications.
The SST12LP14A has an excellent on-chip, single-ended
power detector, which features wide-range (>15 dB) with
dB-wise linearization and high stability over temperature (<
+/-0.3 dB 0°C to +85°C), frequency (<+/-0.3 dB across
Channels 1 through 14), and output load (<+/-0.4 dB
with 2:1 output VSWR all phases). The excellent on-
chip power detector provides a reliable solution to
board-level power control.
The SST12LP14A is offered in 16-contact VQFN package.
See Figure 2 for pin assignments and Table 1 for pin
descriptions.
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A
SST-GP1214A2.4 GHz High Gain High Power PA


Similar Part No. - SST12LP14A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVC SST-SST12LP14-QVC Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVC-K SST-SST12LP14-QVC-K Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVCE SST-SST12LP14-QVCE Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVCE-K SST-SST12LP14-QVCE-K Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
More results

Similar Description - SST12LP14A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP07A SST-SST12LP07A Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com