Electronic Components Datasheet Search
  English  ▼

X  

HC4060 Datasheet(PDF) 4 Page - Texas Instruments

Part # HC4060
Description  14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC4060 Datasheet(HTML) 4 Page - Texas Instruments

  HC4060 Datasheet HTML 1Page - Texas Instruments HC4060 Datasheet HTML 2Page - Texas Instruments HC4060 Datasheet HTML 3Page - Texas Instruments HC4060 Datasheet HTML 4Page - Texas Instruments HC4060 Datasheet HTML 5Page - Texas Instruments HC4060 Datasheet HTML 6Page - Texas Instruments HC4060 Datasheet HTML 7Page - Texas Instruments HC4060 Datasheet HTML 8Page - Texas Instruments HC4060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN54HC4060, SN74HC4060
14STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SCLS161D − DECEMBER 1982 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC4060
SN74HC4060
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5.5
3.7
4.3
fclock
Clock frequency
4.5 V
28
19
22
MHz
fclock
Clock frequency
6 V
33
22
25
MHz
2 V
90
135
115
CLKI high or low
4.5 V
18
27
23
tw
Pulse duration
CLKI high or low
6 V
15
23
20
ns
tw
Pulse duration
2 V
90
135
115
ns
CLR high
4.5 V
18
27
23
CLR high
6 V
15
23
20
2 V
160
240
200
tsu
Setup time, CLR inactive before CLKI
↓
4.5 V
32
48
40
ns
tsu
Setup time, CLR inactive before CLKI
↓
6 V
27
41
34
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC4060
SN74HC4060
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5.5
10
3.7
4.3
fmax
4.5 V
28
45
19
22
MHz
fmax
6 V
33
53
22
25
MHz
2 V
240
490
735
615
tpd
CLKI
QD
4.5 V
58
98
147
123
ns
tpd
CLKI
QD
6 V
42
83
125
105
ns
2 V
66
140
210
175
tPHL
CLR
Any Q
4.5 V
18
28
42
35
ns
tPHL
CLR
Any Q
6 V
14
24
36
30
ns
2 V
28
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
6
30
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
88
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com