Electronic Components Datasheet Search
  English  ▼

X  

CH7053A Datasheet(PDF) 1 Page - Chrontel, Inc.

Part # CH7053A
Description  CH7053A HDTV/VGA/ DVI Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHRONTEL [Chrontel, Inc.]
Direct Link  http://www.chrontel.com/
Logo CHRONTEL - Chrontel, Inc.

CH7053A Datasheet(HTML) 1 Page - Chrontel, Inc.

  CH7053A Datasheet HTML 1Page - Chrontel, Inc. CH7053A Datasheet HTML 2Page - Chrontel, Inc. CH7053A Datasheet HTML 3Page - Chrontel, Inc. CH7053A Datasheet HTML 4Page - Chrontel, Inc. CH7053A Datasheet HTML 5Page - Chrontel, Inc. CH7053A Datasheet HTML 6Page - Chrontel, Inc. CH7053A Datasheet HTML 7Page - Chrontel, Inc. CH7053A Datasheet HTML 8Page - Chrontel, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CH7053A
Brief Datasheet
209-1000-128
Rev 1.0
08/22/2014
1
Chrontel
CH7053A HDTV/VGA/ DVI Transmitter
FEATURES
GENERAL DESCRIPTION
DVI Transmitter support up to 1080p
DVI hot plug detection
Supports Component YPrPb (HDTV) up to 1080p
and analog RGB (VGA) monitor up to 1920x1080
resolution
Supports
DVI
and
VGA/HDTV
output
simultaneously
Three 10-bit high speed DACs
SPDIF audio interface supports either 16-bit or 20-
bit stereo data for up to 192kHz/2ch
Support 2 channel I2S digital audio input for up to
24-bit data stream
(32kHz, 44.1kHz, 48kHz,
88.2kHz, 96kHz, 176.4kHzand 192kHz)
TV/Monitor connection detect capability. DACs can
be switched off through programming internal
registers
Pixel-level
color
enhancement
for
brightness,
contrast, hue and saturation adjustment for HDTV
output
Supports 8/12/16/18/24-bit parallel interface input
for either RGB format (RGB-565, RGB-666 or
RGB-888 and etc.) or YCrCb format (ITU-R 656 or
ITU-R 601). 80/86 MPU interface and DE only
mode are also supported.
Pixel clock input frequency support for up to 165
MHz
IO Supply Voltages from 1.2V to 3.3V and
SPC/SPD Supply Voltages from 1.8V to 3.3V.
Programmable power management
Device fully programmable through serial port
Offered in a 88-pin QFN package
APPLICATION
Media Internet Devices
Media Storage Boxes
Smart-books
Digital Video Players
Digital Video Recorders
Portable Media Players
The Chrontel CH7053A is specifically designed for
consumer electronics device and PC markets which
multiple high definition content display formats are
required.
With its advanced video encoder, flexible
scaling engine and easy-to-configure audio interface, the
CH7053A
satisfies
manufactures’ products display
requirements and reduce their costs of development and
time-to-market.
High quality high-bandwidth uncompressed video like
DVI and YPrPb components or legacy VGA analog
display are supported by the device’s color format
converter. The 3 high-performance, 10-bit DACs can be
used for either HDTV display or VGA output depending
on manufactures’ products specification. The device is
compliant
with
EIA770-3
and
SMPTE
274M/293M/296M
standards
and
supports
HDTV
resolution for up to 1080p. The CH7053A has the ability
to generate composite syncs if required by the RGB
monitor.
The CH7053A’s 24-bit parallel bus accepts a wide range
of input data formats from the graphic controller. The
built-in video port supports 8/12/16/18/24-bit data
interface as well as 80/86 MPU interface. The video
format conversion module is capable of translating digital
RGB-565, RGB-666, RGB-888 or YCrCb (ITU-R 656,
ITU-R 601) signal to the DVI signal, combining with the
audio stream. The input digital signal also can be
transformed by the DACs for HDTV or VGA analog
outputs.
The CH7053A supports both SPDIF and 2-channel I²
S
digital audio input. Its high fidelity audio decoder engine
has the capability of sampling audio frequency for up to
192k/2ch. The SPIDF supports PCM encoded data and
compressed audio including Dolby Digital and DTS.
The CH7053A has an image enhancement function that
can fine tune brightness, contrast, hue and saturation
down to the pixel-level.


Similar Part No. - CH7053A

ManufacturerPart #DatasheetDescription
logo
Chrontel, Inc.
CH7055A CHRONTEL-CH7055A Datasheet
191Kb / 6P
CH7055A Triple High Speed Video DAC
Rev 1.4 06/30/2020
CH7055A-BF CHRONTEL-CH7055A-BF Datasheet
191Kb / 6P
CH7055A Triple High Speed Video DAC
Rev 1.4 06/30/2020
CH7055A-BFI CHRONTEL-CH7055A-BFI Datasheet
191Kb / 6P
CH7055A Triple High Speed Video DAC
Rev 1.4 06/30/2020
logo
Chenmko Enterprise Co. ...
CH705DPT CHENMKO-CH705DPT Datasheet
493Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
More results

Similar Description - CH7053A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7303 ETC-CH7303 Datasheet
330Kb / 15P
Chrontel CH7303 HDTV / DVI Encoder
logo
Emcore Corporation
OTP-1DVI2A EMCORE-OTP-1DVI2A Datasheet
97Kb / 2P
DVI / VGA & Stereo Audio
logo
Assmann Electronics Inc...
AK622N-2-R ASSMANN-AK622N-2-R Datasheet
271Kb / 1P
DVI-DA, VGA HDB15 CABLE
logo
AAEON Technology
BOXER-6651-A1M-1010 AAEON-BOXER-6651-A1M-1010 Datasheet
216Kb / 2P
VGA DVI-D output
logo
Chrontel, Inc.
CH7035B CHRONTEL-CH7035B Datasheet
226Kb / 8P
CH7035B DVI Transmitter
Rev. 1.2 06/30/2020
CH7033B CHRONTEL-CH7033B Datasheet
218Kb / 9P
CH7033B HDTV/VGA/ DVI Encoder
Rev. 1.4 06/30/2020
CH7034B CHRONTEL-CH7034B Datasheet
215Kb / 9P
CH7034B HDTV/VGA/LVDS Encoder
Rev. 1.4 06/30/2020
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
CH7307C CHRONTEL-CH7307C Datasheet
225Kb / 19P
CH7307C DVI Transmitter
Rev. 2.0, 06/12/2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com