Electronic Components Datasheet Search
  English  ▼

X  

ST62T30B Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST62T30B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T30B Datasheet(HTML) 5 Page - STMicroelectronics

  ST62T30B_03 Datasheet HTML 1Page - STMicroelectronics ST62T30B_03 Datasheet HTML 2Page - STMicroelectronics ST62T30B_03 Datasheet HTML 3Page - STMicroelectronics ST62T30B_03 Datasheet HTML 4Page - STMicroelectronics ST62T30B_03 Datasheet HTML 5Page - STMicroelectronics ST62T30B_03 Datasheet HTML 6Page - STMicroelectronics ST62T30B_03 Datasheet HTML 7Page - STMicroelectronics ST62T30B_03 Datasheet HTML 8Page - STMicroelectronics ST62T30B_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
5/84
ST62T30B ST62E30B
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST62T30B and ST62E30B devices are low
cost members of the ST62xx 8-bit HCMOS family
of microcontrollers, which is targeted at low to me-
dium complexity applications. All ST62xx devices
are based on a building block approach: a com-
mon core is surrounded by a number of on-chip
peripherals.
The ST62E30B is the erasable EPROM version of
the ST62T30B device, which may be used to em-
ulate the ST62T30B device, as well as the respec-
tive ST6230B ROM devices.
Figure 1. Block Diagram
TEST
NMI
INTERRUPT
PROGRAM
PC
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
POWER
SUPPLY
OSCILLATOR
RESET
DATA ROM
USER
SELECTABLE
DATA RAM
PORT A
PORT B
TIMER
DIGITAL
8 BIT CORE
TEST/VPP
8-BIT
A/D CONVERTER
PA0..PA1 / 20 mA Sink
VDD VSS OSCin OSCout
RESET
WATCHDOG
Memory
PORT C
SPI (SERIAL
PERIPHERAL
INTERFACE)
AUTORELOAD
TIMER
192 Bytes
7948 bytes
DATA EEPROM
128 Bytes
PA2/OVF/ 20 mA Sink
PA3/PWM/20 mA Sink
PA4/Ain/CP1
PA5/Ain/CP2
PB4..PB6/Ain
PC4..PC7/Ain
PORT D
PD6,PD7/Ain
PD1/Ain/Scl
PD2/Ain/Sin
PD3/Ain/Sout
PD4/Ain/RXD1
PD5/Ain/TXD1
(VPP on EPROM/OTP versions only)
TIMER
VR01823F
UART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com