Electronic Components Datasheet Search
  English  ▼

X  

52220101 Datasheet(PDF) 1 Page - Lapp.

Part # 52220101
Description  SKINTOP® MULTI
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

52220101 Datasheet(HTML) 1 Page - Lapp.

  52220101 Datasheet HTML 1Page - Lapp. 52220101 Datasheet HTML 2Page - Lapp. 52220101 Datasheet HTML 3Page - Lapp. 52220101 Datasheet HTML 4Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
52220065
DATA SHEET
Valid from:
13.08.2021
SKINTOP® MULTI
Creator: MAAU1 /PDP
Released: DAMU1/PDP
Document: DB52220065EN
Version: 09
Page 1 of 4
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
The innovative multi-cable entry SKINTOP
®
MULTI is a
polycarbonate shell with a gel insert as a sealing component.
It provides an ideal sealing with a maximal packing density of
a lot cables with different diameters. Due to the elastic gel
membrane technology, it is possible to push the cable through
and connect it directly. To ensure an optimum strain relief, the
cable bundle can be fixed with help of a cable tie.
Material:
Shell:
Polycarbonate (PC)
Flat seal:
Gel
Technical characteristics:
Protection class:
IP66, IP67 and IP68 (0,1bar / 60min) acc. to EN 60529
NEMA Type 1 and Type 5 acc. to UL50E
Temperature range:
-30°C up to +100°C (UL: +50°C)
Material features:
Self-extinguishing V-2 acc. to UL 94
Oil, UV and ozone Resistant
Color:
Black
Types:
Part No.
Part name
Max. number of
terminals
Number of cable x cable-Ø
52220065
SKINTOP
® MULTI Version 1
22
6 x 8-12 mm; 16 x 3-7 mm
52220073
SKINTOP
® MULTI Version 2
21
5 x 2-6 mm; 8 x 4-8 mm;
3 x 5-9 mm; 2 x 8-12 mm;
1 x 12-16 mm;
2 x ASI BUS or 2 x 2-4 mm
52220080
SKINTOP
® MULTI Version 3
30
30 x 2-6 mm
52220085
SKINTOP
® MULTI Version 4
11
8 x 8-12 mm; 2 x 12-16 mm;
1 x 16-20 mm
52220101
SKINTOP
® MULTI Version 5
27
27 x 4-8mm
52220104
SKINTOP
® MULTI Version 6
24
10 x 2-6mm; 8 x 4-8mm;
4 x 7-11mm; 2 x 10-14mm
Dimensions:
46 mm x 144 mm x 14 mm
Fixing holes:
4 x 4,5mm for M4 fixing screw
Approbation:
Norm Reference:
Retention in acc. to EN 62444
Protection class acc. to EN 60529
Suitable accessory:
SKINTOP
® BRUSH ADD-ON 24
SKINTOP
® MULTI Version 1-6


Similar Part No. - 52220101

ManufacturerPart #DatasheetDescription
logo
Lapp.
52220110 LAPP-52220110 Datasheet
133Kb / 2P
Bushing Black
Version: 05
52220111 LAPP-52220111 Datasheet
133Kb / 2P
Bushing Black
Version: 05
52220112 LAPP-52220112 Datasheet
133Kb / 2P
Bushing Black
Version: 05
52220140 LAPP-52220140 Datasheet
133Kb / 2P
Bushing Black
Version: 05
52220146 LAPP-52220146 Datasheet
133Kb / 2P
Bushing Black
Version: 05
More results

Similar Description - 52220101

ManufacturerPart #DatasheetDescription
logo
Lapp.
52015700 LAPP-52015700 Datasheet
183Kb / 3P
SKINTOP® MS / MSR
03.07.2018
52025235 LAPP-52025235 Datasheet
103Kb / 1P
SKINTOP® SD
03.07.2018
52220000 LAPP-52220000 Datasheet
276Kb / 3P
SKINTOP® CUBE
03.07.2018
52220050 LAPP-52220050 Datasheet
156Kb / 2P
SKINTOP® CUBE MULTI
11.07.2019
52220092 LAPP-52220092 Datasheet
716Kb / 4P
SKINTOP® MULTI VENT
27.04.2021
53015410 LAPP-53015410 Datasheet
118Kb / 2P
SKINTOP® BT
23.11.2021
53015600 LAPP-53015600 Datasheet
143Kb / 2P
SKINTOP® BS
23.11.2021
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
53800640 LAPP-53800640 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com