Electronic Components Datasheet Search
  English  ▼

X  

52220162 Datasheet(PDF) 1 Page - Lapp.

Part # 52220162
Description  SKINTOP® MULTI VENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

52220162 Datasheet(HTML) 1 Page - Lapp.

  52220162 Datasheet HTML 1Page - Lapp. 52220162 Datasheet HTML 2Page - Lapp. 52220162 Datasheet HTML 3Page - Lapp. 52220162 Datasheet HTML 4Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
52220092
DATA SHEET
Valid from:
27.04.2021
SKINTOP® MULTI VENT
Creator: THSC6/PDP
Released: DAMU1/PDP
Document: DB52220092EN
Version: 01
Page 1 of 4
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
The innovative multi-cable entry SKINTOP
® MULTI VENT comes with
an integrated high performance pressure compensation unit that
provides the ideal venting of sealed housings. The multi-cable entry
is a polycarbonate shell with a gel insert as a sealing component. It
provides an ideal sealing with a maximal packing density of a lot
cables with different diameters.
Due to the elastic gel membrane technology, it is possible to
push the cable through and connect it directly. To ensure an
optimum strain relief, the cable bundle can be fixed with help
of a cable tie.
Material:
Shell:
Polycarbonate (PC)
Flat seal:
Gel
Pressure equalizer:
Polybutylene terephthalate (PBT)
Technical characteristics:
Protection class:
IP66, IP67 and IP68 (0,1bar / 60min) acc. to EN 60529
Temperature range:
-30°C up to +110°C
Material features:
Self-extinguishing V-2 acc. to UL 94
Oil, UV and ozone Resistant
Color:
Black
Types:
Part No.
Part name
Max. number
of terminals
Number of cable x cable-Ø
Pressure equalizer
Air flow
52220092
SKINTOP
® MULTI VENT Version 1
21
6 x 8-12 mm; 15 x 3-7 mm
0,65l/min
52220093
SKINTOP
® MULTI VENT Version 2
20
4 x 2-6 mm; 8 x 4-8 mm;
3 x 5-9 mm; 2 x 8-12 mm;
1 x 12-16 mm
2 x ASI BUS oder 2 x 2-4 mm
0,65l/min
52220094
SKINTOP
® MULTI VENT Version 3
29
29 x 2-6 mm
0,65l/min
52220095
SKINTOP
® MULTI VENT Version 4
11
8 x 8-12 mm; 2 x 12-16mm;
1 x 16-20 mm
0,65l/min
52220160
SKINTOP
® MULTI VENT Version 5
26
26x Ø4-Ø8
0,65l/min
52220162
SKINTOP
® MULTI VENT Version 6
23
9x Ø2-Ø6; 8x Ø4-Ø8;
4x Ø7-Ø11; 2x Ø10-Ø14
0,65l/min
Dimensions:
46 mm x 144 mm x 14 mm
Fixing holes:
4 x 4,5mm for M4 fixing screw
Approbation:
Norm Reference:
Retention in acc. to EN 62444
Protection class acc. to EN 60529
Suitable accessory:
SKINTOP
® BRUSH ADD-ON 24


Similar Part No. - 52220162

ManufacturerPart #DatasheetDescription
logo
Lapp.
52220101 LAPP-52220101 Datasheet
457Kb / 4P
SKINTOP® MULTI
13.08.2021
52220104 LAPP-52220104 Datasheet
457Kb / 4P
SKINTOP® MULTI
13.08.2021
52220110 LAPP-52220110 Datasheet
133Kb / 2P
Bushing Black
Version: 05
52220111 LAPP-52220111 Datasheet
133Kb / 2P
Bushing Black
Version: 05
52220112 LAPP-52220112 Datasheet
133Kb / 2P
Bushing Black
Version: 05
More results

Similar Description - 52220162

ManufacturerPart #DatasheetDescription
logo
Lapp.
51730200 LAPP-51730200 Datasheet
128Kb / 1P
SKINDICHT® VENT
08.02.2023
52025235 LAPP-52025235 Datasheet
103Kb / 1P
SKINTOP® SD
03.07.2018
52220000 LAPP-52220000 Datasheet
276Kb / 3P
SKINTOP® CUBE
03.07.2018
52220050 LAPP-52220050 Datasheet
156Kb / 2P
SKINTOP® CUBE MULTI
11.07.2019
52220065 LAPP-52220065 Datasheet
457Kb / 4P
SKINTOP® MULTI
13.08.2021
53015410 LAPP-53015410 Datasheet
118Kb / 2P
SKINTOP® BT
23.11.2021
53015600 LAPP-53015600 Datasheet
143Kb / 2P
SKINTOP® BS
23.11.2021
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
53800640 LAPP-53800640 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com