Electronic Components Datasheet Search
  English  ▼

X  

INA166 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA166
Description  Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA166 Datasheet(HTML) 3 Page - Texas Instruments

  INA166_06 Datasheet HTML 1Page - Texas Instruments INA166_06 Datasheet HTML 2Page - Texas Instruments INA166_06 Datasheet HTML 3Page - Texas Instruments INA166_06 Datasheet HTML 4Page - Texas Instruments INA166_06 Datasheet HTML 5Page - Texas Instruments INA166_06 Datasheet HTML 6Page - Texas Instruments INA166_06 Datasheet HTML 7Page - Texas Instruments INA166_06 Datasheet HTML 8Page - Texas Instruments INA166_06 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
INA166
3
SBOS178
PACKAGE
DRAWING
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
MARKING
NUMBER(1)
MEDIA
INA166UA
SO-14 Surface Mount
235
INA166UA
INA166UA
Rails
""
"
"
INA166UA/2K5
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces
of “INA166UA/2K5” will get a single 2500-piece Tape and Reel.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Power Supply Voltage .......................................................................
±18V
Signal Input Terminals, Voltage(2) .................. (V–) – 0.5V to (V+) + 0.5V
Current(2) .................................................... 10mA
Output Short-Circuit to Ground ............................................... Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
(2) Input terminals are diode-clamped to the power-supply rails. Input signals
that can swing more than 0.5V beyond the supply rails should be current
limited to 10mA or less.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION
PIN CONFIGURATION
Top View
V
O2
NC
GS2
V+
Ref
V
O
Sense
V
O1
NC
GS1
V
IN
V
IN
V–
NC
SO-14
NC = No Internal Connection
14
13
12
11
10
9
8
1
2
3
4
5
6
7
+
–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com