Electronic Components Datasheet Search
  English  ▼

X  

2N5415 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N5415
Description  SILICON PNP TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5415 Datasheet(HTML) 2 Page - STMicroelectronics

  2N5415 Datasheet HTML 1Page - STMicroelectronics 2N5415 Datasheet HTML 2Page - STMicroelectronics 2N5415 Datasheet HTML 3Page - STMicroelectronics 2N5415 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
17.5
175
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
for 2N5415
VCB = -175 V
for 2N5416
VCB = -280 V
-50
-50
µA
µA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = -150 V
-50
µA
IEBO
Emitter Cut-off Current
(IC = 0)
for 2N5415
VEB = -4 V
for 2N5416
VEB = -6 V
-20
-20
µA
µA
VCER
Collector-Emitter
Sustaining Voltage
IC = -50 mA
RBE = 50
Ω for 2N5416
-350
V
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = -10 mA
for 2N5415
for 2N5416
-200
-300
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -50 mA
IB = -5 mA
-2.5
V
VBE
Base-Emitter Voltage
IC = -50 mA
VCE = -10 V
-1.5
V
hFE
DC Current Gain
IC = -50 mA
VCE = -10 V
for 2N5415
for 2N5416
30
30
150
120
hfe
Small Signal Current
Gain
IC = -5 mA
VCE = -10 V
f = 1KHz
25
fT
Transition frequency
IC = -10 mA
VCE = -10 V
f = 5MHz
15
MHz
CCBO
Collector Base
Capacitance
IE = 0
VCB = -10 V
f = 1MHz
25
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
2N5415 / 2N5416
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com