Electronic Components Datasheet Search
  English  ▼

X  

M95040-DW3P/S Datasheet(PDF) 24 Page - STMicroelectronics

Part # M95040-DW3P/S
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DW3P/S Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M95040-DW3P/S Datasheet HTML 20Page - STMicroelectronics M95040-DW3P/S Datasheet HTML 21Page - STMicroelectronics M95040-DW3P/S Datasheet HTML 22Page - STMicroelectronics M95040-DW3P/S Datasheet HTML 23Page - STMicroelectronics M95040-DW3P/S Datasheet HTML 24Page - STMicroelectronics M95040-DW3P/S Datasheet HTML 25Page - STMicroelectronics M95040-DW3P/S Datasheet HTML 26Page - STMicroelectronics M95040-DW3P/S Datasheet HTML 27Page - STMicroelectronics M95040-DW3P/S Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Power-up and delivery states
M95040, M95020, M95010
24/42
7
Power-up and delivery states
7.1
Power-up state
After Power-up, the device is in the following state:
●
low power Standby Power mode
●
deselected (after Power-up, a falling edge is required on Chip Select (S) before any
instructions can be started).
●
not in the Hold Condition
●
the Write Enable Latch (WEL) is reset to 0
●
Write In Progress (WIP) is reset to 0
The BP1 and BP0 bits of the Status Register are unchanged from the previous power-down
(they are non-volatile bits).
7.2
Initial delivery state
The device is delivered with the memory array set at all 1s (FFh). The Block Protect (BP1
and BP0) bits are initialized to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com