Electronic Components Datasheet Search
  English  ▼

X  

TAS5000 Datasheet(PDF) 17 Page - Texas Instruments

Part # TAS5000
Description  Digital Audio Pwm Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5000 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS5000_06 Datasheet HTML 13Page - Texas Instruments TAS5000_06 Datasheet HTML 14Page - Texas Instruments TAS5000_06 Datasheet HTML 15Page - Texas Instruments TAS5000_06 Datasheet HTML 16Page - Texas Instruments TAS5000_06 Datasheet HTML 17Page - Texas Instruments TAS5000_06 Datasheet HTML 18Page - Texas Instruments TAS5000_06 Datasheet HTML 19Page - Texas Instruments TAS5000_06 Datasheet HTML 20Page - Texas Instruments TAS5000_06 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
3–1
3 Electrical Specifications
3.1
Absolute Maximum Ratings†
Analog supply voltage range, AVDD1, AVDD2)
–0.3 V to 4.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital power supply voltage, DVDD1, DVDD2, DVDD3_L, DVDD3_R
–0.3 V to 4.2 V
. . . . . . . . . . . . . . . . . . . . .
Digital input voltage, VI (see Note 1)
–0.3 V to DVDDX+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. DVDD1, DVDD2, DVDD3_L, DVDD3_R
3.2
Recommended Operating Conditions
(TA = 25°C; DVDD1 = DVDD2 = DVDD3_L = DVDD3_R = 3.3 V ±10%, AVDD1 = AVDD2 = 3.3 V ±10%, Fs = 44.1 kHz)
Voltages at analog inputs and outputs are with respect to ground
MIN
TYP
MAX
UNIT
Supply voltage
Digital
DVDDX‡
3
3.3
3.6
V
Supply current
Digital
Operating
18
mA
Supply current
Digital
Power down§
2
20
µA
Power dissipation
Digital
Operating
59.4
mW
Power dissipation
Digital
Power down§
6.6
72
µW
Supply voltage
Analog
AVDDX¶
3
3.3
3.6
V
Supply current
Analog
Operating
8
mA
Supply current
Analog
Power down§
10
100
µA
Power dissipation
Analog
Operating
26.4
mW
Power dissipation
Analog
Power down§
33
360
µW
‡ DVDD1, DVDD2, DVDD3_L, DVDD3_R
§ If the clocks are turned off
¶ AVDD1, AVDD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com