Electronic Components Datasheet Search
  English  ▼

X  

LVC32A Datasheet(PDF) 5 Page - Texas Instruments

Part # LVC32A
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC32A Datasheet(HTML) 5 Page - Texas Instruments

  LVC32A Datasheet HTML 1Page - Texas Instruments LVC32A Datasheet HTML 2Page - Texas Instruments LVC32A Datasheet HTML 3Page - Texas Instruments LVC32A Datasheet HTML 4Page - Texas Instruments LVC32A Datasheet HTML 5Page - Texas Instruments LVC32A Datasheet HTML 6Page - Texas Instruments LVC32A Datasheet HTML 7Page - Texas Instruments LVC32A Datasheet HTML 8Page - Texas Instruments LVC32A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN54LVC32A, SN74LVC32A
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCAS286P – JANUARY 1993 – REVISED APRIL 2005
over operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC32A
FROM
TO
PARAMETER
VCC
TA = 25°C
–40 TO 85°C
–40 TO 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.8 V ± 0.15 V
1
4.2
8.2
1
8.7
1
10.2
2.5 V ± 0.2 V
1
2.6
4.9
1
5.4
1
6.9
tpd
A or B
Y
ns
2.7 V
1
3
4.2
1
4.4
1
5.5
3.3 V ± 0.3 V
1
2.5
3.6
1
3.8
1
5
tsk(o)
3.3 V ± 0.3 V
1
1.5
ns
T
A = 25°C
TEST
PARAMETER
VCC
TYP
UNIT
CONDITIONS
1.8 V
7.5
Cpd
Power dissipation capacitance per gate
f = 10 MHz
2.5 V
10.6
pF
3.3 V
12.5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com