Electronic Components Datasheet Search
  English  ▼

X  

MAS9280A2TG00 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9280A2TG00
Description  IC FOR 18.00 - 40.00 MHz VCTCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9280A2TG00 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9280A2TG00 Datasheet HTML 1Page - Micro Analog systems MAS9280A2TG00 Datasheet HTML 2Page - Micro Analog systems MAS9280A2TG00 Datasheet HTML 3Page - Micro Analog systems MAS9280A2TG00 Datasheet HTML 4Page - Micro Analog systems MAS9280A2TG00 Datasheet HTML 5Page - Micro Analog systems MAS9280A2TG00 Datasheet HTML 6Page - Micro Analog systems MAS9280A2TG00 Datasheet HTML 7Page - Micro Analog systems MAS9280A2TG00 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DA9280.003
13 July 2006
2 (8)
PIN DESCRIPTION
Pin Description
Symbol
MAS9280A1/
A3 /B1/B3
x-coordinate
MAS9280A1/
A3 /B1/B3
y-coordinate
MAS9280A2
/B2
x-coordinate
MAS9280A2
/B2
y-coordinate
Power Supply Voltage
VDD
268
1320
268
1320
Programming Input
PV
604
1320
604
1320
Serial Bus Clock Input
CLK
1047
1320
1420
1320
Serial Bus Data Input
DA
1420
1320
1047
1320
Temperature Output
TE1
1848
1320
1848
1320
Crystal/Varactor Oscillator Input
X2
1048
164
1048
164
Voltage Control Input
VC
268
164
268
164
Crystal Oscillator Output
X1
796
164
796
164
Buffer Output
OUT
2020
164
2020
164
Power Supply Ground
VSS
1701
164
1701
164
Test Multiplexer Output
TE2
2058
1320
2058
1320
Note: Because the substrate of the die is internally connected to GND, the die has to be connected to GND or
left floating. Please make sure that GND is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
Note: Test Multiplexer Output is for testing only and must not be connected in module.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD - VSS
-0.3
6.0
V
Input Voltage
VIN
VSS -0.3
VDD + 0.3
V
1)
Power Dissipation
PMAX
20
mW
Storage Temperature
TST
-55
150
oC
Note 1: Not valid for programming pin PV
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
2.4
2.6
5.0
V
Supply Current
ICC
Vdd = 2.8 Volt
1.8
mA
Operating Temperature
TOP
-40
+85
oC
Load Capacitance
CL
8
pF
1
Load Capacitance
CL
10
pF
2
Crystal Pulling Sensitivity
S
18
30
ppm/pF
Crystal Rs
CRS
50
3
Note 1: MAS9280A1, MAS9280A2 and MAS9280A3 with CDAC1 = 160 …200
Note 2: MAS9280B1, MAS9280B2 and MAS9280B3 with CDAC1 = 160 …200
Note 3: At 30 MHz to 40 MHz maximum Rs 30 ohm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com