Electronic Components Datasheet Search
  English  ▼

X  

AD5821 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5821
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5821 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5821 Datasheet HTML 4Page - Analog Devices AD5821 Datasheet HTML 5Page - Analog Devices AD5821 Datasheet HTML 6Page - Analog Devices AD5821 Datasheet HTML 7Page - Analog Devices AD5821 Datasheet HTML 8Page - Analog Devices AD5821 Datasheet HTML 9Page - Analog Devices AD5821 Datasheet HTML 10Page - Analog Devices AD5821 Datasheet HTML 11Page - Analog Devices AD5821 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD5821
Rev. 0 | Page 8 of 16
2000
1800
1600
1400
1200
1000
800
600
400
200
0
10
100
1k
100k
10k
FREQUENCY
Figure 11. AC Power Supply Rejection (VDD = 3.6 V)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
85
–40 –30 –20 –100
15
2535
455565
75
–1.0
TEMPERATURE (
°C)
POSITIVE INL (VDD = 3.6V)
POSITIVE INL (VDD = 4.5V)
POSITIVE INL (VDD = 3.8V)
NEGATIVE INL (VDD = 3.6V)
NEGATIVE INL (VDD = 4.5V)
NEGATIVE INL (VDD = 3.8V)
Figure 12. INL vs. Temperature vs. Supply Voltage
1.0
85
–40 –30 –20 –100
15
2535
455565
75
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
TEMPERATURE (
°C)
POSITIVE DNL (VDD = 3.6V)
POSITIVE DNL (VDD = 4.5V)
POSITIVE DNL (VDD = 3.8V)
NEGATIVE DNL (VDD = 3.6V)
NEGATIVE DNL (VDD = 4.5V)
NEGATIVE DNL (VDD = 3.8V)
Figure 13. DNL vs. Temperature vs. Supply Voltage
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.05
0.10
85
–40 –30 –20 –10
0
15
25
35
45
55
65
75
0
TEMPERATURE (°C)
VDD = 3.6V
VDD = 3.8V
VDD = 4.5V
Figure 14. Zero-Code Error vs. Supply Voltage vs. Temperature
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
85
–40 –30 –20 –10
0
15
25
35
45
55
65
75
–2.0
TEMPERATURE (°C)
VDD = 3.6V
VDD = 3.8V
VDD = 4.5V
Figure 15. Full-Scale Error vs. Temperature vs. Supply Voltage
1.4
1.3
1.1
1.0
0.9
0.8
0.7
0.5
0.6
0.4
–50
–30
90
70
50
30
10
–10
TEMPERATURE (°C)
1.2
VDD = 2.7V
VDD = 3.6V
VDD = 5.5V
VDD = 4.5V
Figure 16. SCL and SDA Logic High Level (VINH) vs.
Supply Voltage and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com