Electronic Components Datasheet Search
  English  ▼

X  

FR2A Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # FR2A
Description  2.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

FR2A Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  FR2A Datasheet HTML 1Page - SMC Diode Solutions Co. LTD FR2A Datasheet HTML 2Page - SMC Diode Solutions Co. LTD FR2A Datasheet HTML 3Page - SMC Diode Solutions Co. LTD FR2A Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0439, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
FR2A-FR2K
FR2A-FR2M
2.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Characteristic
Symbol
FR2A
FR2B
FR2D FR2G FR2J FR2K FR2M Units
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
VDC
50
100
200
400
600
800 1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560 700
V
Average forward rectified output current
@TL = 90°C
I(AV)
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF =2.0A
VFM
1.30
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
5.0
300.0
µA
Reverse recovery time (Note 1)
trr
150
250
500
ns
Typical Junction Capacitance (Note 2)
CJ
50
pF
Typical Thermal Resistance (Note 3)
RθJL
20
°C/W
Operating and Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Reverse recovery condition IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3. Mounted on P.C.B Board with 8.0mm2 land area.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: SMB molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.09grams
SMB
Glass passivated Die Construction
Ideal Suited for Automatic Assembly
Low Forward Voltage Drop, High Efficiency
Low Power Loss
Fast Recovery Time
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request


Similar Part No. - FR2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR2A PANJIT-FR2A Datasheet
59Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
FR2A SURGE-FR2A Datasheet
80Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
logo
Transys Electronics
FR2A TRSYS-FR2A Datasheet
195Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
FR2A WTE-FR2A Datasheet
48Kb / 3P
2.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Dc Components
FR2A DCCOM-FR2A Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FR2A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR201 WTE-FR201 Datasheet
46Kb / 3P
2.0A FAST RECOVERY RECTIFIER
FR2A WTE-FR2A Datasheet
48Kb / 3P
2.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR2001 DIODES-PR2001 Datasheet
61Kb / 2P
2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. A1-2
ES2A_ DIODES-ES2A_ Datasheet
501Kb / 3P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 10 - 2
logo
List of Unclassifed Man...
TF201 ETC2-TF201 Datasheet
127Kb / 4P
2.0A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TF201 TAITRON-TF201 Datasheet
127Kb / 4P
2.0A Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
RS2A ZSELEC-RS2A Datasheet
148Kb / 2P
2.0A SURFACE MOUNT FAST RECOVERY DIODE
FR2A ZSELEC-FR2A Datasheet
124Kb / 2P
2.0A SURFACE MOUNT FAST RECOVERY DIODE
FS2A ZSELEC-FS2A Datasheet
74Kb / 2P
2.0A SURFACE MOUNT FAST RECOVERY DIODE
logo
Torex Semiconductor
XBF20A20S-G TOREX-XBF20A20S-G Datasheet
227Kb / 5P
2.0A Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com