Electronic Components Datasheet Search
  English  ▼

X  

LTC2495 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2495
Description  16-Bit 8-/16-Channel ?誇 ADC with PGA, Easy Drive and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2495 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2495 Datasheet HTML 19Page - Linear Technology LTC2495 Datasheet HTML 20Page - Linear Technology LTC2495 Datasheet HTML 21Page - Linear Technology LTC2495 Datasheet HTML 22Page - Linear Technology LTC2495 Datasheet HTML 23Page - Linear Technology LTC2495 Datasheet HTML 24Page - Linear Technology LTC2495 Datasheet HTML 25Page - Linear Technology LTC2495 Datasheet HTML 26Page - Linear Technology LTC2495 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC2495
23
2495f
input/reference pins. If the total external RC time constant
is less than 580ns the errors introduced by the sampling
process are negligible since complete settling occurs.
Typically, the reference inputs are driven from a low
impedance source. In this case, complete settling occurs
even with large external bypass capacitors. The inputs
(CH0-CH15, COM), on the other hand, are typically driven
from larger source resistances. Source resistances up
to 10k may interface directly to the LTC2495 and settle
completely; however, the addition of external capacitors
at the input terminals in order to filter unwanted noise
(antialiasing) results in incomplete settling.
The LTC2495 offers two methods of removing these
errors. The first is automatic differential input current
cancellation (Easy Drive) and the second is the insertion
of an external buffer between the MUXOUT and ADCIN
pins, thus isolating the input switching from the source
resistance.
Automatic Differential Input Current Cancellation
In applications where the sensor output impedance is
low (up to 10k
Ω with no external bypass capacitor or up
to 500
Ω with 0.001µF bypass), complete settling of the
Figure 11. Equivalent Analog Input Circuit
input occurs. In this case, no errors are introduced and
direct digitization is possible.
For many applications, the sensor output impedance
combined with external input bypass capacitors produces
RC time constants much greater than the 580ns required
for 1ppm accuracy. For example, a 10k
Ω bridge driving a
0.1µF capacitor has a time constant an order of magnitude
greater than the required maximum.
The LTC2495 uses a proprietary switching algorithm
that forces the average differential input current to zero
independent of external settling errors. This allows direct
digitization of high impedance sensors without the need
for buffers.
The switching algorithm forces the average input current
on the positive input (IIN
+) to be equal to the average input
current on the negative input (IIN
–). Over the complete
conversion cycle, the average differential input current
(IIN
+ – IIN–) is zero. While the differential input current is
zero, the common mode input current (IIN
+ + IIN–)/2 is
proportional to the difference between the common mode
input voltage (VIN(CM)) and the common mode reference
voltage (VREF(CM)).
APPLICATIONS INFORMATION
IN+
IN–
10k
Ω
INTERNAL
SWITCH
NETWORK
10k
Ω
CEQ
12
µF
10k
Ω
IIN
–
REF+
IREF
+
IIN
+
IREF
–
2495 F11
SWITCHING FREQUENCY
fSW = 123kHz INTERNAL OSCILLATOR
fSW = 0.4 • fEOSC EXTERNAL OSCILLATOR
REF–
10k
Ω
100
Ω
INPUT
MULTIPLEXER
EXTERNAL
CONNECTION
100
Ω
MUXOUTP
ADCINP
EXTERNAL
CONNECTION
MUXOUTN
ADCINN
IIN
IIN
VV
R
AVG
AVG
IN CM
REF CM
EQ
+
() = () =
−
•
–
()
()
.
05
IIREF
VV
V
R
AVG
REF
REF CM
IN CM
+
() ≈
+
()
15
05
.–
.•
()
()
E
EQ
IN
REF
EQ
REF
REF CM
V
VR
where
V
REF
REF
V
–
•
:
(
2
=−
+−
))
–
,
=
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
=−
+−
+−
+
REF
REF
V
IN
IN
WHERE IN AN
IN
2
D
D IN ARE THE SELECTED INPUT CHANNELS
V
IN
IN CM
−
+
=
()
–
–
.
IN
R
M INTERNAL OSCILLATOR
EQ
−
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
=
2
271
6
Ω
0
0Hz MODE
R
2.98M INTERNAL OSCILLATOR 50Hz/60
EQ =Ω
H
Hz MODE
R
0.833 10
/f
EXTERNAL OSCIL
EQ
12
EOSC
=•
()
L
LATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com