Electronic Components Datasheet Search
  English  ▼

X  

AD7667 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7667
Description  14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7667 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7667 Datasheet HTML 7Page - Analog Devices AD7667 Datasheet HTML 8Page - Analog Devices AD7667 Datasheet HTML 9Page - Analog Devices AD7667 Datasheet HTML 10Page - Analog Devices AD7667 Datasheet HTML 11Page - Analog Devices AD7667 Datasheet HTML 12Page - Analog Devices AD7667 Datasheet HTML 13Page - Analog Devices AD7667 Datasheet HTML 14Page - Analog Devices AD7667 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7952
Rev. 0 | Page 11 of 32
Pin No.
Mnemonic
Type1
Description
39
IN−
AI
Analog Input. Referenced to IN+.
In the 0 V to 5 V input range, IN− is between 0 V and VREF V centered about VREF/2. In the 0 V to
10 V range, IN− is between 0 V and 2 VREF V centered about VREF.
In the ±5 V and ±10 V ranges, IN− is true bipolar up to ±2 VREF V (±5 V range) or ±4 VREF V (±10 V range)
and centered about 0 V.
In all ranges, IN− must be driven 180° out of phase with IN+.
40
VCC
P
High Voltage Positive Supply. Normally 7 V to 15 V.
41
VEE
P
High Voltage Negative Supply. Normally 0 V to −15 V (0 V in unipolar ranges).
43
IN+
AI
Analog Input. Referenced to IN−.
In the 0 V to 5 V input range, IN+ is between 0 V and VREF V centered about VREF/2. In the 0 V to
10 V range, IN+ is between 0 V and 2 VREF V centered about VREF.
In the ±5 V and ±10 V ranges, IN+ is true bipolar up to ±2 VREF V (±5 V range) or ±4 VREF V (±10 V range)
and centered about 0 V.
In all ranges, IN+ must be driven 180° out of phase with IN−.
45
TEMP
AO
Temperature Sensor Analog Output. When the internal reference is enabled (PDREF = PDBUF = low),
this pin outputs a voltage proportional to the temperature of the AD7952. See the Temperature Sensor
section.
46
REFBUFIN
AI
Reference Buffer Input. When using an external reference with the internal reference buffer
(PDBUF = low, PDREF = high), applying 2.5 V on this pin produces 5 V on the REF pin.
See the Single-to-Differential Driver section.
47
PDREF
DI
Internal Reference Power-Down Input.
When low, the internal reference is enabled.
When high, the internal reference is powered down, and an external reference must be used.
48
PDBUF
DI
Internal Reference Buffer Power-Down Input.
When low, the buffer is enabled (must be low when using internal reference).
When high, the buffer is powered down.
1 AI = analog input; AI/O = bidirectional analog; AO = analog output; DI = digital input; DI/O = bidirectional digital; DO = digital output; P = power.
2 In serial configuration mode (SER/PAR = high, HW/SW = low), this input is programmed with the serial configuration register, and this pin is a don’t care. See the
Hardware Configuration section and Software Configuration section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com