Electronic Components Datasheet Search
  English  ▼

X  

TAS3001 Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS3001
Description  TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS3001 Datasheet HTML 5Page - Texas Instruments TAS3001 Datasheet HTML 6Page - Texas Instruments TAS3001 Datasheet HTML 7Page - Texas Instruments TAS3001 Datasheet HTML 8Page - Texas Instruments TAS3001 Datasheet HTML 9Page - Texas Instruments TAS3001 Datasheet HTML 10Page - Texas Instruments TAS3001 Datasheet HTML 11Page - Texas Instruments TAS3001 Datasheet HTML 12Page - Texas Instruments TAS3001 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TAS5012
SLES006A – SEPTEMBER 2001 – REVISED DECEMBER 2001
9
www.ti.com
functional description (continued)
de-emphasis selection
De-emphasis selection is accomplished by using the DEM_SEL and DEM_EN pins. See Table 3 for de-emphasis
selection description.
Table 3. De-Emphasis Selection
DEM_SEL
DEM_EN
DESCRIPTION
0
0
De-emphasis disabled
0
1
De-emphasis enabled for Fs = 44.1 kHz
1
1
De-emphasis enabled for Fs = 48 kHz
1
0
Forbidden state. Do not use.
error status reporting (VALID_L and VALID_R)
The following is a list of the error conditions that will cause the VALID_L and VALID_R pins to be asserted low:
D No clocks
D Clock phase errors
When either of the above conditions is met, the VALID_L and VALID_R goes low and the PWM outputs go to the hard
mute state. If the error condition is removed, the TAS5012 is reinitialized and the VALID_L and VALID_R pins are
asserted high.
serial interface formats
The TAS5012 is compatible with eight different serial interfaces. Available interface options are IIS, right justified, left
justified, and DSP frame. Table 4 indicates how these options are selected using the MOD0, MOD1, and MOD2 pins.
Table 4. Hardware Selection of Serial Audio Modes
MODE
MOD2 PIN
MOD1 PIN
MOD0 PIN
SERIAL INTERFACE
SDIN
0
0
0
0
16 bit, MSB first; right justified
1
0
0
1
20 bit, MSB first; right justified
2
0
1
0
24 bit, MSB first; right justified
3
0
1
1
16 bit IIS
4
1
0
0
20 bit IIS
5
1
0
1
24 bit IIS
6
1
1
0
16 bit MSB first, left justified
7
1
1
1
16 bit DSP frame
The following figures illustrate the relationship between the SCLK, LRCLK and the serial data I/O for the different
interface protocols. Note that there are always 64 SCLKs per LRCLK. The nondata bits are padded with binary 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com