Electronic Components Datasheet Search
  English  ▼

X  

TAS5121 Datasheet(PDF) 49 Page - Texas Instruments

Part # TAS5121
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5121 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5121 Datasheet HTML 45Page - Texas Instruments TAS5121 Datasheet HTML 46Page - Texas Instruments TAS5121 Datasheet HTML 47Page - Texas Instruments TAS5121 Datasheet HTML 48Page - Texas Instruments TAS5121 Datasheet HTML 49Page - Texas Instruments TAS5121 Datasheet HTML 50Page - Texas Instruments TAS5121 Datasheet HTML 51Page - Texas Instruments TAS5121 Datasheet HTML 52Page - Texas Instruments TAS5121 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
Electrical Specifications
41
SLES112 — June 2004
TAS5028
3.6.8 Headphone Select (HP_SEL)
3.6.8.1
Control Signal Parameters Over Recommended Operating Conditions (Unless
Otherwise Noted)
PARAMETER
MIN
MAX
UNITS
tw(MUTE)
Pulse duration, HP_SEL active
350
None
ns
td(VOL)
Soft volume update time
Defined by rate setting(2)
ms
t(SW)
Switch-over time
0.2
1 ms
ms
NOTE 2: See the Volume Treble and Base Slew Rate Register (0xD0) section.
td(VOL)
HP Volume
HP_SEL
M-State
td(VOL)
Spkr Volume
t(SW)
td(VOL)
Spkr Volume
HP_SEL
M-State
td(VOL)
HP Volume
t(SW)
(Internal Device State)
Figure 3 - 8. HP_SEL Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com