Electronic Components Datasheet Search
  English  ▼

X  

TAS5036APFC Datasheet(PDF) 55 Page - Texas Instruments

Part # TAS5036APFC
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036APFC Datasheet(HTML) 55 Page - Texas Instruments

Back Button TAS5036APFC Datasheet HTML 51Page - Texas Instruments TAS5036APFC Datasheet HTML 52Page - Texas Instruments TAS5036APFC Datasheet HTML 53Page - Texas Instruments TAS5036APFC Datasheet HTML 54Page - Texas Instruments TAS5036APFC Datasheet HTML 55Page - Texas Instruments TAS5036APFC Datasheet HTML 56Page - Texas Instruments TAS5036APFC Datasheet HTML 57Page - Texas Instruments TAS5036APFC Datasheet HTML 58Page - Texas Instruments TAS5036APFC Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
Mechanical Data
49
SLES061B—November 2002—Revised January 2004
TAS5036A
7
Mechanical Data
PFC (S-PQFP-G80)
PLASTIC QUAD FLATPACK
4073177 / B 11/96
40
21
0,13 NOM
0,25
0,75
0,45
Seating Plane
0,05 MIN
Gage Plane
0,27
41
0,17
20
60
1
61
80
SQ
SQ
12,20
13,80
14,20
11,80
9,50 TYP
1,05
1,20 MAX
0,95
0,08
0,50
M
0,08
0
°−7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com