Electronic Components Datasheet Search
  English  ▼

X  

TAS5111 Datasheet(PDF) 71 Page - Texas Instruments

Part # TAS5111
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5111 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TAS5111 Datasheet HTML 67Page - Texas Instruments TAS5111 Datasheet HTML 68Page - Texas Instruments TAS5111 Datasheet HTML 69Page - Texas Instruments TAS5111 Datasheet HTML 70Page - Texas Instruments TAS5111 Datasheet HTML 71Page - Texas Instruments TAS5111 Datasheet HTML 72Page - Texas Instruments TAS5111 Datasheet HTML 73Page - Texas Instruments TAS5111 Datasheet HTML 74Page - Texas Instruments TAS5111 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
Serial Control Interface Register Definitions
63
SLES112 — June 2004
TAS5028
6.16 Bass and Treble Bypass Register (0x89 – 0x90, Channels 1 - 8)
Channels 1, 2, 3, 4, 5, 6, 7, and 8 are mapped into registers 0x89, 0x8A, 0x8B, 0x8C,0x8D, 0x8E, 0x8F, and
0x90. Eight bytes are written for each channel. Each gain coefficient is in 28-bit (5.23) format so 0x800000
is a gain of 1. Each gain coefficient is written as a 32-bit word with the upper four bits not used.
Table 6 - 17. Bass and Treble Bypass Register Format (0x89 - 0x90)
REGISTER NAME
TOTAL BYTES
CONTENTS
INITIALIZATION VALUE
Channel bass and
treble bypass
8
U 31:28), Bypass (27:24), Bypass (23:16), Bypass (15:8), Bypass (7:0)
0x00, 0x80, 0x00, 0x00
Channel bass and
treble inline
8
U (31:28), Inline (27:24), Inline (23:16), Inline (15:8), Inline (7:0)
0x00, 0x00, 0x00, 0x00
6.17 8x2 Output Mixer Registers (0xAA – 0xAF)
Output mixers for channels 1–6 map to registers 0xAA – 0xAF.
Total data per register is 8 bytes.
Table 6 - 18. Output Mixer Control Register Format (Upper 4 Bytes)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
Select channel 1 to output mixer
0
0
0
1
Select channel 2 to output mixer
0
0
1
0
Select channel 3 to output mixer
0
0
1
1
Select channel 4 to output mixer
0
1
0
0
Select channel 5 to output mixer
0
1
0
1
Select channel 6 to output mixer
0
1
1
0
Select channel 7 to output mixer
0
1
1
1
Select channel 8 to output mixer
G27
G26
G25
G24
Selected channel gain (upper 4 bits)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
G23
G22
G21
G20
G19
G18
G17
G16
Selected channel gain (continued)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
G15
G14
G13
G12
G11
G10
G9
G8
Selected channel gain (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
G7
G6
G5
G4
G3
G2
G1
G0
Selected channel gain (lower 8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com