Electronic Components Datasheet Search
  English  ▼

X  

TAS5110 Datasheet(PDF) 33 Page - Texas Instruments

Part # TAS5110
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5110 Datasheet HTML 29Page - Texas Instruments TAS5110 Datasheet HTML 30Page - Texas Instruments TAS5110 Datasheet HTML 31Page - Texas Instruments TAS5110 Datasheet HTML 32Page - Texas Instruments TAS5110 Datasheet HTML 33Page - Texas Instruments TAS5110 Datasheet HTML 34Page - Texas Instruments TAS5110 Datasheet HTML 35Page - Texas Instruments TAS5110 Datasheet HTML 36Page - Texas Instruments TAS5110 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
Serial Control Interface Register Definitions
27
SLES061B—November 2002—Revised January 2004
TAS5036A
3.4
System Control Register 1 (0x03)
Table 3−5. System Control Register 1
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
-
-
-
-
-
-
-
Reserved
-
0
-
-
-
-
-
-
Valid remains high during automute.
-
1
-
-
-
-
-
-
Valid goes low during automute.
-
-
0
-
-
-
-
-
Valid remains high during mute.
-
-
1
-
-
-
-
-
Valid goes low during mute.
-
-
-
0
-
-
-
-
Mute
-
-
-
1
-
-
-
-
Normal mode
-
-
-
-
0
-
-
-
Set error recovery delay at 6
µs
-
-
-
-
1
-
-
-
Set error recovery delay at 47
µs
-
-
-
-
-
0
-
-
Error recovery (forces error recovery initialization sequence)
-
-
-
-
-
1
-
-
Normal mode
-
-
-
-
-
-
0
-
Automute disabled
-
-
-
-
-
-
1
-
Automute enabled
-
-
-
-
-
-
-
0
Reserved
3.5
Error Recovery Register (0x04)
Table 3−6. Error Recovery Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
1
−
−
−
−
−
−
Set to 11 under default conditions and when x00 is written into x1F
0
−
−
−
−
−
−
−
If 0x84 is written into register 0x1F –
Enable volume ramp up after an error recovery sequence is initiated by the
ERR_RCVRY terminal or the I2C error recovery command (register X03 bit D2)
1
−
−
−
−
−
−
−
If 0x84 is written into register 0x1F –
Disable volume ramp up after an error recovery sequence is initiated by the
ERR_RCVRY terminal or the I2C error recovery command (register X03 bit D2)
−
0
−
−
−
−
−
−
If 0x84 is written into register 0x1F –
Enable volume ramp up after error recovery sequence is initiated by register bits
D5 – D0 of this register
−
1
−
−
−
−
−
−
If 0x84 is written into register 0x1F –
Enable volume ramp up after error recovery sequence is initiated by register bits
D5 – D0 of this register
−
−
0
−
−
−
−
−
Put channel 6 into error recovery mode
−
−
−
0
−
−
−
−
Put channel 5 into error recovery mode
−
−
−
−
0
−
−
−
Put channel 4 into error recovery mode
−
−
−
−
−
0
−
−
Put channel 3 into error recovery mode
−
−
−
−
−
−
0
−
Put channel 2 into error recovery mode
−
−
−
−
−
−
−
0
Put channel 1 into error recovery mode
−
−
1
1
1
1
1
1
Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com