Electronic Components Datasheet Search
  English  ▼

X  

USB2504 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 6Page - SMSC Corporation USB2504_06 Datasheet HTML 7Page - SMSC Corporation USB2504_06 Datasheet HTML 8Page - SMSC Corporation USB2504_06 Datasheet HTML 9Page - SMSC Corporation USB2504_06 Datasheet HTML 10Page - SMSC Corporation USB2504_06 Datasheet HTML 11Page - SMSC Corporation USB2504_06 Datasheet HTML 12Page - SMSC Corporation USB2504_06 Datasheet HTML 13Page - SMSC Corporation USB2504_06 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
Revision 2.1 (12-06-06)
10
SMSC USB2504/USB2504A
DATASHEET
Chapter 4 4-Port Hub Block Diagram
Figure 4.1 4-Port Block Diagram
Table 4.1 4-Port Hub Pin Descriptions
NAME
SYMBOL
TYPE
FUNCTION
UPSTREAM USB 2.0 INTERFACE
USB Bus Data
USBDN0
USBDP0
IO-U
These pins connect to the upstream USB bus data signals.
Detect Upstream
VBUS Power
VBUS_DET
I/O12
Detects state of Upstream VBUS power. The SMSC Hub
monitors VBUS_DET to determine when to assert the
internal D+ pull-up resistor (signalling a connect event).
When designing a detachable hub, this pin must be
connected to the VBUS power pin of the USB port that is
upstream of the hub. (Use of a weak pull-down resistor is
recommended.)
For self-powered applications with a permanently attached
host, this pin must be pulled-up to either 3.3V or 5.0V
(typically VDD33).
Upstream
V
BUS
Upstream
PHY
Upstream
USB Data
Repeater
Controller
SIE
Serial
Interface
PLL
24 MHz
Crystal
To
EEPROM
or SMBus
Master
Routing Logic
SCL
SD
TT
#1
TT
#2
TT
#3
TT
#4
Port
Controller
Downstream
PHY #1
Port #1
OC Sense
Switch Driver
LED Drivers
Downstream
PHY #4
Port #4
OC Sense
Switch Driver
LED Drivers
...
Downstream
USB Data
OC
Sense
Switch/LED
Drivers
Downstream
USB Data
OC
Sense
Switch/LED
Drivers
V
BUS
Power
Detect
Pin
Strapping
Options
Internal
Defaults
Select
3.3V
1.8V
Reg.
1.8V
Cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com