Electronic Components Datasheet Search
  English  ▼

X  

RT1716 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT1716
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT1716 Datasheet HTML 11Page - Richtek Technology Corporation RT1716 Datasheet HTML 12Page - Richtek Technology Corporation RT1716 Datasheet HTML 13Page - Richtek Technology Corporation RT1716 Datasheet HTML 14Page - Richtek Technology Corporation RT1716 Datasheet HTML 15Page - Richtek Technology Corporation RT1716 Datasheet HTML 16Page - Richtek Technology Corporation RT1716 Datasheet HTML 17Page - Richtek Technology Corporation RT1716 Datasheet HTML 18Page - Richtek Technology Corporation RT1716 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
RT1716
15
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address Length
Register
Name
Bit
BitName
Default Type
Description
0x10
1
ALERT
7
ALARM_VBUS_
VOLTAGE_H
0
R
Not support.
6
TX_SUCCESS
0
RW
0b: Cleared (default)
1b : Reset or SOP* message
transmission successful.
5
TX_DISCARD
0
RW
0b : Cleared (default)
1b : Reset or SOP* message
transmission not sent due to incoming
receive message.
4
TX_FAIL
0
RW
0b : Cleared (default)
1b : SOP* message transmission not
successful, no GoodCRC response
received on SOP* message
transmission.
3
RX_HARD_
RESET
0
RW
0b : Cleared (default)
1b : Received Hard Reset message
2
RX_SOP_MSG
_STATUS
0
RW
0b : Cleared (default)
1b : Receive status register changed
1
POWER_
STATUS
1
RW
0b : Cleared
1b : Port status changed (default)
0
CC_STATUS
0
RW
0b : Cleared (default)
1b : CC status changed
0x11
1
ALERT
7
Reserved
0
R
Reserved
6
Reserved
0
R
Reserved
5
Reserved
0
R
Reserved
4
Reserved
0
R
Reserved
3
VBUS_SINK_
DISCNT
0
R
Not support.
2
RXBUF_
OVFLOW
0
RW
0b : TCPC Rx buffer is functioning
properly. (default)
1b : TCPC Rx buffer has overflowed.
1
FAULT
0
RW
0b : No Fault. (default)
1b : A Fault has occurred. Read the
FAULT_STATUS register.
0
ALARM_VBUS_
VOLTAGE_L
0
R
Not support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com