Electronic Components Datasheet Search
  English  ▼

X  

RT3607CJ Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT3607CJ
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CJ Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT3607CJ Datasheet HTML 1Page - Richtek Technology Corporation RT3607CJ Datasheet HTML 2Page - Richtek Technology Corporation RT3607CJ Datasheet HTML 3Page - Richtek Technology Corporation RT3607CJ Datasheet HTML 4Page - Richtek Technology Corporation RT3607CJ Datasheet HTML 5Page - Richtek Technology Corporation RT3607CJ Datasheet HTML 6Page - Richtek Technology Corporation RT3607CJ Datasheet HTML 7Page - Richtek Technology Corporation RT3607CJ Datasheet HTML 8Page - Richtek Technology Corporation RT3607CJ Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
2
RT3607CJ
www.richtek.com
DS3607CJ-00 June 2019
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No
Pin Name
Pin Function
1
TSEN
Thermal sense input for CORE VR.
5, 6, 2, 9
ISEN[1:4]P
Positive current sense inputs of multi-phase core VR channel 1, 2, 3 and 4.
4, 7, 3, 8
ISEN[1:4]N
Negative current sense inputs of multi-phase core VR channel 1, 2, 3 and 4.
10
FB
Negative input of the error amplifier. This pin is for CORE VR output voltage
feedback to controller.
11
COMP
CORE VR compensation. This pin is error amplifier output pin.
12
VSEN
CORE VR voltage sense input. This pin is connected to the terminal of CORE VR
output voltage.
13
RGND
Return ground for CORE VR. This pin is the negative node of the differential remote
voltage sensing.
14
SET1
1st platform setting. Platform can use this pin to set OCS, DVID threshold and
ICCMAX for CORE VR.
15
SET2
2nd platform setting. Platform can use this pin to set RSET, QRTH, QR width and
DVID width for CORE VR. Add to moreover, SET2 pin features a special function for
users to confirm the soldering condition of the controller under zero VBOOT
condition. Connect the SET2 pin to 5V and turn on the EN pin, if the soldering is
good, both rails outputs 0.8V.
16, 28, 30, 44,
56
NC
No internal connection.
17
SET3
3rd platform setting. Platform can use this pin to set VR address, Zero load-line, AI
gain, Disable DVID compensation, Decrease GTU and SA ramp (only in maximum
phase = 1-phase), high frequency ramp, DVID slew rate.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configuration
(TOP VIEW)
WQFN-56L 6x6
TSEN
ISEN1N
ISEN3N
VSEN
COMP
FB
ISEN4P
ISEN4N
ISEN2N
ISEN1P
ISEN2P
ISEN3P
TONSETA
ISENA3N
ISENA3P
VSENA
COMPA
FBA
ISENA2N
ISENA2P
ISENA1N
ISENA1P
TSENA
RGNDA
IBIAS
RGND
NC
SET1
VCC
SET2
GND
57
27
26
25
24
23
22
21
20
19
18
17
16
28
45
46
47
48
49
50
51
52
53
54
55
56
44
41
40
39
38
37
36
35
34
33
32
31
3
4
5
6
7
8
9
10
11
12
13
1
2
43
42
30
29
14
15
Marking Information
RT3607 : Product Number
YMDNN : Date Code
RT3607
YMDNN
Package Type
QW : WQFN-56L 6x6 (W-Type)
RT3607CJ
Lead Plating System
G : Green (Halogen Free and Pb Free)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com