Electronic Components Datasheet Search
  English  ▼

X  

RT6056GF Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT6056GF
Description  High-Side or Low-Side Measurement, Bi-Directional Current and Power Monitor with 16-Bit ADC Op Amp/Alert
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6056GF Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT6056GF Datasheet HTML 19Page - Richtek Technology Corporation RT6056GF Datasheet HTML 20Page - Richtek Technology Corporation RT6056GF Datasheet HTML 21Page - Richtek Technology Corporation RT6056GF Datasheet HTML 22Page - Richtek Technology Corporation RT6056GF Datasheet HTML 23Page - Richtek Technology Corporation RT6056GF Datasheet HTML 24Page - Richtek Technology Corporation RT6056GF Datasheet HTML 25Page - Richtek Technology Corporation RT6056GF Datasheet HTML 26Page - Richtek Technology Corporation RT6056GF Datasheet HTML 27Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
RT6056
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS6056-00
April 2022
www.richtek.com
23
Application Information
Power Up
The VS pin must exceed the Power-On Reset threshold
(VPOR) of 2V to keep the RT6056 out of power-on reset.
Power-on reset will clear all of the register data.
Choosing the Sense Resistor
A high RSHUNT value causes the power-source voltage
to drop due to IR loss. For minimal voltage loss, use the
lowest RSHUNT value. VSENSE full scale should be less
than the full code of
−81.9175mV to 81.92mV. For
best performance with a 3.3V supply voltage, select
RSHUNT to provide approximately 40mV~60mV of
sense voltage for the full-scale current in each
application.
At low current levels, a high RSHUNT value allows lower
currents more accurately because offsets are less
significant when the sense voltage is larger.
At high current levels, the I2R loss in RSHUNT can be
significant. Notice the resistor value and power
dissipation rating when choosing. Also, the sense
resistor’s value might drift if it is allowed to heat up
excessively. The precision VOS 10
V (max) and Gain
Error 0.1% (max) of the RT6056 allows the use of small
sense resistors to reduce power dissipation and reduce
hot spots.
Filtering and Input Considerations
The RT6056 provides several methods to reduce the
effect from the input noise; for example, conversion time
and averaging mode can be flexibly chosen through the
register (00h). However, in order to prevent device
damaging from the load dumps, reverse battery
protection, fast load-switching and inductive kickback
voltages, the input filter and input voltage clamping
schemes are needed to protect the device during such
conditions.
Figure 7 shows the recommended schematic for input
filtering. Filtering at the input means current noise is not
amplified and the RT6056 can drive a cleaner signal into
the ADC without an output filter loading down the ADC.
VBUS
IN+
IN-
Noisy Load
RSHUNT
RFILTER1
CFILTER
+
-
RFILTER2
Figure 7. Input Filter
If the chosen device states that the Absolute Maximum
Common-Mode Voltage rating cannot exceed system
maximum expected voltage surge, then it needs input
protection. Along with some passives, the current
sensor needs transient voltage suppression (TVS) or
Zener diodes at the inputs for protection. Figure 8
shows an example using the cost-optimized current
sensor.
VBUS
IN+
IN-
Noisy Load
RSHUNT
RFILTER1
CFILTER
RFILTER2
+
-
Figure 8. RT6056 with Input Protection
Total Error Analysis
In order to optimize the design, the first is to analyze the
contribution of each error; the main influences of sense
voltage errors can be identified as follows :
⚫
The tolerance of shunt resistor (RSHUNT)
⚫
Sense offset voltage, VS_OS. When the sense voltage
is small, especially low load current and small shunt
resistance, the error is dominated by the input offset
error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com