Electronic Components Datasheet Search
  English  ▼

X  

RT6203ENGSP Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT6203ENGSP
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203ENGSP Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT6203ENGSP Datasheet HTML 1Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 2Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 3Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 4Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 5Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 6Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 7Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 8Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
RT6203E
5
DS6203E-00 January 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Input Under-Voltage Lockout
In addition to the EN pin, the RT6203E also provides enable
control through the VIN pin. It features an under-voltage
lockout (UVLO) function that monitors the internal linear
regulator. If VEN rises above VIH first, switching will still be
inhibited until the VIN voltage rises above VUVLO. It is to
ensure that the internal regulator is ready so that operation
with not-fully-enhanced internal MOSFET switches can
be prevented. After the device is powered up, if the input
voltage VIN goes below the UVLO falling threshold voltage
(VUVLO
− ΔVUVLO), this switching will be inhibited; if VIN
rises above the UVLO rising threshold (VUVLO), the device
will resume normal operation with a complete soft-start.
The Over-Current Protection
The RT6203E features cycle-by-cycle current-limit
protection on low-side MOSFETs and prevents the device
from the catastrophic damage in output short circuit and
over current.
The low-side MOSFET over-current protection is achieved
by measuring the inductor current through the
synchronous rectifier (low-side switch) during the low-side
on-time. Once the current rises above the low-side switch
valley current limit (ILIM_L), the on-time one-shot will be
inhibited until the inductor current ramps down to the
current limit level (ILIM_L), that is, another on-time can only
be triggered when the inductor current goes below the
low-side current limit. If the output load current exceeds
the available inductor current (clamped by the low-side
current limit), the output capacitor needs to supply the
extra current such that the output voltage will begin to
drop.
Thermal Shutdown
The RT6203E includes an over-temperature protection
(OTP) circuitry to prevent overheating due to excessive
power dissipation. The OTP will shut down switching
operation when junction temperature exceeds a thermal
shutdown threshold (TSD). Once the junction temperature
cools down by a thermal shutdown hysteresis (20
°C,
typically), the IC will resume normal operation with a
complete soft-start.
Note that the over temperature protection is intended to
protect the device during momentary overload conditions.
The protection is activated outside of the absolute
maximum range of operation as a secondary fail-safe and
therefore should not be relied upon operationally.
Continuous operation above the specified absolute
maximum operating junction temperature may impair
device reliability or permanently damage the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com