Electronic Components Datasheet Search
  English  ▼

X  

MH204 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # MH204
Description  High Dynamic Range Cellular Band MMIC Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MH204 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  MH204 Datasheet HTML 1Page - WJ Communication. Inc. MH204 Datasheet HTML 2Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
April 2002
The Communications Edge TM
Advanced Product Information
MH204
High Dynamic Range Cellular Band MMIC Mixer
Product Features
•
+30 dBm IIP3
•
RF 890 – 960 MHz
•
LO 1190 – 1310 MHz
•
IF 300 – 350 MHz
•
+17 dBm Drive Level
•
Low Cost SOIC-8 Package
•
No External Bias Required
Product Description
The MH204 is a passive GaAs MESFET mixer that
provides high dynamic range performance in a low
cost SOIC-8 package. WJ’s MH204 uses patented
techniques to realize greater than +30 dBm Input
IP3 at an LO drive level of +17 dBm when used in a
simple application circuit as an upconverting or
downconverting
configuration.
This
single
monolithic integrated circuit does not require any
external baluns or bias elements.
Typical applications include frequency up/down
conversion, modulation and demodulation for
receivers and transmitters used in 2.5G and 3G
systems using the cellular and GSM frequency
bands.
Functional Diagram
Function
Pin No.
LO
IF & RF*
GND
2
5
1,3,4,6,8
* 4 external components (inductors & capacitors)
are required to diplex the signal
Specifications
Parameters1
Units
Minimum
Typical
Maximum
Comments
Frequency Range:
RF
MHz
890
960
LO
MHz
1190
1310
IF
MHz
300
350
SSB Conversion Loss
dB
9.0
9.5
Noise Figure
dB
9.5
Input IP32
dBm
+30
Input P1dB
dBm
TBD
Isolation:
L-R
dB
25
L-I
dB
50
R-I
dB
TBD
Return Loss:
dB
LO Port
-8
LO Drive Level
dBm
+17
1. Data was taken using an application board shown on the following page, with a high side LO at +17 dBm in an downconverting application at 25°C.
2. Input IP3 was measured with two tones with an input power of -5 dBm / tone separated by 1 MHz.
Absolute Maximum Rating3
Application Circuit
Parameters
Rating
Operating Case Temperature
-40° to +85
°C
Storage Temperature
-65° to +100 °C
Maximum Input LO Power4
+21 dBm
3. Operation of this device above any of these parameters may cause permanent damage.
4. Total sum of LO port and RF port power should not to exceed +23 dBm.
1
2
3
4
8
7
6
5
RF
C1
8.2 pF
IF
C2
3.9 pF
L2
12 nH
L1
23 nH
LO
All components are of size 0402


Similar Part No. - MH204

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH20 BOURNS-MH20 Datasheet
911Kb / 6P
MH45/MH32/MH20 Series High Current Chip Ferrite Beads
REV. 06/22
logo
FLEXTRAL
MH20 FLEXTRAL-MH20 Datasheet
2Mb / 1P
MH20 Flex-Cord Fabric Concrete Placement
V08.21
MH20-100 FLEXTRAL-MH20-100 Datasheet
2Mb / 1P
MH20 Flex-Cord Fabric Concrete Placement
V08.21
MH20-125 FLEXTRAL-MH20-125 Datasheet
2Mb / 1P
MH20 Flex-Cord Fabric Concrete Placement
V08.21
MH20-150 FLEXTRAL-MH20-150 Datasheet
2Mb / 1P
MH20 Flex-Cord Fabric Concrete Placement
V08.21
More results

Similar Description - MH204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MH203 ETC-MH203 Datasheet
140Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH101 ETC-MH101 Datasheet
154Kb / 3P
High Dynamic Range MMIC Mixer
MH102 ETC-MH102 Datasheet
162Kb / 4P
High Dynamic Range MMIC Mixer
logo
WJ Communication. Inc.
MH103A WJCI-MH103A Datasheet
348Kb / 5P
High Dynamic Range UMTS-Band MMIC Mixer
logo
List of Unclassifed Man...
MH202 ETC1-MH202 Datasheet
163Kb / 2P
High Dynamic Range Cellular Band MMIC Mixer
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH1A WJCI-MH1A Datasheet
191Kb / 5P
High Dynamic Range PCS-Band MMIC Mixer
MH203-RFID WJCI-MH203-RFID Datasheet
153Kb / 4P
High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com