Electronic Components Datasheet Search
  English  ▼

X  

53113321 Datasheet(PDF) 1 Page - Lapp.

Part # 53113321
Description  SKINTOP® SOLAR / SKINTOP® SOLAR plus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

53113321 Datasheet(HTML) 1 Page - Lapp.

  53113321 Datasheet HTML 1Page - Lapp. 53113321 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
53113300
DATA SHEET
Valid from:
02.12.2021
SKINTOP® SOLAR / SKINTOP® SOLAR plus
Creator: M. Wegerer /PDP
Released: DAMU1/PDP
Document: DB53113300EN
Version: 04
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
The SKINTOP
® SOLAR / SKINTOP® SOLAR plus is a cable gland for photovoltaic
application, based on EN 50262, EN 50548 und UL 1703.
Applications range: photovoltaic plants and solar parks.
Suitable cable:
ÖLFLEX
® SOLAR
Suitable tools:
SKINMATIC
® RZ
SKINMATIC
® QUICKSET 1
Components SKINTOP® SOLAR:
Gland body
Polycarbonate
Cap nut
Polycarbonate
Sealing ring
CR
Colour
RAL 9005 (black)
Components SKINTOP® SOLAR plus:
Gland body
Polycarbonate
Cap nut
Polycarbonate
Sealing ring
Silicone
O-Ring
Silicone
Colour
RAL 9005 (black / UV resistant)
Technical features:
Connecting thread
M12x1.5 and M16x1.5 acc. to EN 60423
Protection class / NEMA Type Rating
IP68 – 5 bar, test acc. to EN 60529
NEMA Type 1 and Type 12
Cold impact test
In acc. to UL 1703 / UL 746 C
Temperature range
SKINTOP
® SOLAR
-40°C up to +100°C
SKINTOP
® SOLAR plus
-40°C up to +125°C
Other characteristics:
UV- und Ozone resistant
UL 746 – UL F1 outdoor use
High strain relief
Permanent vibration protection
Extremely flame retardant in acc. to UL 94V-0 / 94 5VA
Approvals:
UL File Nr. E79903
(Test in acc. to UL514B)
Norm references:


Similar Part No. - 53113321

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
531133 FESTO-531133 Datasheet
91Kb / 1P
Air preparation combination unit
2/9/22
More results

Similar Description - 53113321

ManufacturerPart #DatasheetDescription
logo
Lapp.
52015700 LAPP-52015700 Datasheet
183Kb / 3P
SKINTOP® MS / MSR
03.07.2018
52025235 LAPP-52025235 Datasheet
103Kb / 1P
SKINTOP® SD
03.07.2018
52109013 LAPP-52109013 Datasheet
175Kb / 2P
SKINTOP® CLICK BLK
20.06.2023
52220000 LAPP-52220000 Datasheet
276Kb / 3P
SKINTOP® CUBE
03.07.2018
52220065 LAPP-52220065 Datasheet
457Kb / 4P
SKINTOP® MULTI
13.08.2021
53015410 LAPP-53015410 Datasheet
118Kb / 2P
SKINTOP® BT
23.11.2021
53015600 LAPP-53015600 Datasheet
143Kb / 2P
SKINTOP® BS
23.11.2021
53016610 LAPP-53016610 Datasheet
149Kb / 2P
SKINTOP® BS NPT
23.11.2021
53800640 LAPP-53800640 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com