Electronic Components Datasheet Search
  English  ▼

X  

TL2842DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL2842DR
Description  CURRENT-MODE PWM CONTROLLERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2842DR Datasheet(HTML) 3 Page - Texas Instruments

  TL2842DR Datasheet HTML 1Page - Texas Instruments TL2842DR Datasheet HTML 2Page - Texas Instruments TL2842DR Datasheet HTML 3Page - Texas Instruments TL2842DR Datasheet HTML 4Page - Texas Instruments TL2842DR Datasheet HTML 5Page - Texas Instruments TL2842DR Datasheet HTML 6Page - Texas Instruments TL2842DR Datasheet HTML 7Page - Texas Instruments TL2842DR Datasheet HTML 8Page - Texas Instruments TL2842DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038F – JANUARY 1989 – REVISED FEBRUARY 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
† The toggle flip-flop is present only in TL2844, TL2845, TL3844, and TL3845.
Pin numbers shown are for the D (14-pin) package.
Internal
Bias
Vref
Good
Logic
OSC
5-V REF
Error
Amplifier
PWM
Latch
Current-
Sense
Comparator
34 V NOM
VCC
GND
RT/CT
VFB
COMP
ISENSE
12
9
7
3
1
5
14
11
10
8
REF
VC
OUTPUT
POWER
GROUND
+
–
UVLO
EN
2R
R1 V
S
R
T
†
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com