Electronic Components Datasheet Search
  English  ▼

X  

53806741 Datasheet(PDF) 2 Page - Lapp.

Part # 53806741
Description  SKINTOP INOX / INOX-R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

53806741 Datasheet(HTML) 2 Page - Lapp.

  53806741 Datasheet HTML 1Page - Lapp. 53806741 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
53806740
DATA SHEET
Valid from:
02.12.2021
SKINTOP
® INOX / INOX-R
Creator: HYDO1/PDP
Released: RODR1/PDP
Document: DB53806740EN
Version: 12
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
SKINTOP® INOX
Article
number
Article description
M
SW
[mm]
Ø A
[mm]
C max.
[mm]
D
[mm]
Ø F [mm]
Clamping
range
O-ring
[mm]
53806739
SKINTOP INOX M12x1,5
M12x1,5
16
17,2
29,3
6,5
4,0-7,0
9x2
53806740
SKINTOP INOX M16x1,5
M16x1,5
20
21,4
32,4
7
6,0-10,0
13x2
53806741
SKINTOP INOX M20x1,5
M20x1,5
24
25,6
35,5
8
7,0-13,0
17x2
53806742
SKINTOP INOX M25x1,5
M25x1,5
29
30,8
39,2
8
9,0-17,0
22x2
53806743
SKINTOP INOX M32x1,5
M32x1,5
36
38,2
44,6
9
11,0-21,0
28x2
53806744
SKINTOP INOX M40x1,5
M40x1,5
45
48
51,2
9
19,0-28,0
36x2
53806745
SKINTOP INOX M50x1,5
M50x1,5
54
58
56,2
10
27,0-35,0
46x2
SKINTOP® INOX-R
Article
number
Article description
M
SW
[mm]
Ø A
[mm]
C max.
[mm]
D
[mm]
Ø F [mm]
Clamping
range
O-ring
[mm]
53806749
SKINTOP INOX-R M12x1,5
M12x1,5
16
17,2
29,3
6,5
3,0-5,0
9x2
53806750
SKINTOP INOX-R M16x1,5
M16x1,5
20
21,4
32,4
7
5,0-7,0
13x2
53806751
SKINTOP INOX-R M20x1,5
M20x1,5
24
25,6
35,5
8
6,0-10,0
17x2
53806752
SKINTOP INOX-R M25x1,5
M25x1,5
29
30,8
39,2
8
7,0-13,0
22x2
53806753
SKINTOP INOX-R M32x1,5
M32x1,5
36
38,2
44,6
9
8,0-15,0
28x2
53806754
SKINTOP INOX-R M40x1,5
M40x1,5
45
48
51,2
9
15,0-23,0
36x2
53806755
SKINTOP INOX-R M50x1,5
M50x1,5
54
58
56,2
10
22,0-29,0
46x2
For more information please see our current catalogue. Please do not hesitate to contact our laboratory if there are any
questions regarding resistance against aggressive agents and special oil.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com