Electronic Components Datasheet Search
  English  ▼

X  

53806821 Datasheet(PDF) 1 Page - Lapp.

Part # 53806821
Description  SKINTOP® INOX SC NPT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

53806821 Datasheet(HTML) 1 Page - Lapp.

  53806821 Datasheet HTML 1Page - Lapp. 53806821 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
53806818
DATA SHEET
Valid from:
02.12.2021
SKINTOP® INOX SC NPT
Creator: HYDO1/PDP
Released: DAMU1/PDP
Document: DB53806818EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
The cable gland with hygienic design made from high-grade stainless steel with NPT
thread is suitable for an extremely wide variety of applications especially the food and
pharmaceutical industries. The material and shape meet the high requirements of these
industries. The smooth design minimizes the accumulation of moisture, dust,
contamination or food residue.
The cable gland also offers great benefits for other applications, where the ambient
conditions are harsh, such as those sited offshore. The compact design, the place saving
shape and the big clamping range simplify the installation.
The SKINTOP
® INOX SC NPT is especially designed for copper-screened cables and is
used to achieve a low-resistance screen contact.
Components:
Gland body
Stainless steel – V4A (1.4404 / 316L)
Cap nut
Stainless steel – V4A (1.4404 / 316L)
Insert with lamellar cage
Polyamide
Sealing ring
Silicone
Contact spring
CuBe, tin-plated
O-Ring
Silicone
Technical features:
Connecting thread
NPT 1/4" bis NPT 1 1/2“ acc. to ASME B1.20.1-2013
Protection class
IP68 – 5 bar, test acc. to EN 60529
IP69 acc. to EN 60529 (on pending)
NEMA Type 1, Type 2, Type 4X, Type 6, Type 12 acc. to UL50E
Temperature range
-40 °C up to +100 °C
Transfer impedance
≤ 10 mOhm
Chemical resistance
ECOLAB certification
Other characteristics:
Halogen-free
Functional safety
Optimal strain relief
Variable clamping range
Certificates:
UL File Nr. 79903
(Test in acc. to UL514B)
Norm References:
DIN EN ISO 14 159
Safety of machinery - Hygiene requirements for the design of machinery
DIN EN 1672-2
Food processing machinery - Basic concepts -
Part 2: Hygiene requirements


Similar Part No. - 53806821

ManufacturerPart #DatasheetDescription
logo
Lapp.
53806800 LAPP-53806800 Datasheet
289Kb / 2P
SKINTOP® INOX NPT / INOX-R NPT
02.12.2021
53806801 LAPP-53806801 Datasheet
289Kb / 2P
SKINTOP® INOX NPT / INOX-R NPT
02.12.2021
More results

Similar Description - 53806821

ManufacturerPart #DatasheetDescription
logo
Lapp.
52103500 LAPP-52103500 Datasheet
126Kb / 1P
SKINDICHT® SM-NPT INOX
08.11.2019
53016610 LAPP-53016610 Datasheet
149Kb / 2P
SKINTOP® BS NPT
23.11.2021
53105300 LAPP-53105300 Datasheet
349Kb / 2P
SKINTOP® HYGIENIC SC
25.11.2021
53112004 LAPP-53112004 Datasheet
251Kb / 2P
SKINTOP® MS-NPT / MSR-NPT
02.12.2021
53112037 LAPP-53112037 Datasheet
275Kb / 2P
SKINTOP® MS-NPT BRUSH
02.12.2021
53112910 LAPP-53112910 Datasheet
275Kb / 2P
SKINTOP® MS-SC NPT
02.12.2021
53806720 LAPP-53806720 Datasheet
307Kb / 2P
SKINTOP® INOX SC
02.12.2021
53806740 LAPP-53806740 Datasheet
295Kb / 2P
SKINTOP INOX / INOX-R
02.12.2021
53806780 LAPP-53806780 Datasheet
289Kb / 2P
SKINTOP® INOX NPT / INOX-R NPT
02.12.2021
54114300 LAPP-54114300 Datasheet
346Kb / 2P
SKINTOP® HYGIENIC SC NPT
02.12.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com