Electronic Components Datasheet Search
  English  ▼

X  

TPS7201 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS7201
Description  MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7201 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS7201 Datasheet HTML 17Page - Texas Instruments TPS7201 Datasheet HTML 18Page - Texas Instruments TPS7201 Datasheet HTML 19Page - Texas Instruments TPS7201 Datasheet HTML 20Page - Texas Instruments TPS7201 Datasheet HTML 21Page - Texas Instruments TPS7201 Datasheet HTML 22Page - Texas Instruments TPS7201 Datasheet HTML 23Page - Texas Instruments TPS7201 Datasheet HTML 24Page - Texas Instruments TPS7201 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
TPS7201Q, TPS7225Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102G – MARCH 1995 – REVISED JUNE 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17
10
1
0
100
1
1.5
2
2.5
3
3.5
4
POWER-GOOD (PG) ON-RESISTANCE
vs
INPUT VOLTAGE
4.5
5
VI – Input Voltage – V
TA = 25°C
Figure 18
1.125
1.095
1.115
1.11
1.12
MINIMUM INPUT VOLTAGE FOR VALID PG
vs
FREE-AIR TEMPERATURE
1.3
– 40 – 20
0
20
40
60
80
100 120 140
1.105
TA – Free-Air Temperature – °C
1.1
OUTPUT VOLTAGE RESPONSE FROM
ENABLE (EN)
0
50
100
150
5
0
VO nom
t – Time –
µs
10
TA = 25°C
CI = 0
CO = 4.7 µF (CSR = 1 Ω)
Figure 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com