Electronic Components Datasheet Search
  English  ▼

X  

5102UP Datasheet(PDF) 1 Page - Belden Inc.

Part # 5102UP
Description  Audio Cable, 4 Conductor 14 AWG, BC, Unshielded, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5102UP Datasheet(HTML) 1 Page - Belden Inc.

  5102UP Datasheet HTML 1Page - Belden Inc. 5102UP Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 5102UP
Audio Cable, 4 Conductor 14 AWG, BC, Unshielded, CM
Product Description
Audio Cable, Rated-CL3, 4-14 AWG highly flexible stranded bare copper conductors with PVC insulation, PVC jacket with ripcord
Technical Specifications
Product Overview
Suitable Applications:
Security System, Intercom/PA, Audio/Speaker, Power-Limited Controls
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 4
14 AWG 42x30
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PVC - Polyvinyl Chloride 0.02 in (0.51 mm) 0.115 in (2.92 mm)
Black, White, Red, Green
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
PVC - Polyvinyl Chloride 0.018 in (0.46 mm) 0.313 in
Yes
Overall Cable Diameter (Nominal): 0.313 in
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
2.42 Ohm/1000ft
29 pF/ft (95 pF/m)
6.4 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
-20°C To +75°C
Bend Radius
Stationary Min.
Installation Min.
3.13 in (79.5 mm) 3.13 in
Max. Pull Tension:
213 lbs (96.6 kg)


Similar Part No. - 5102UP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5102U1 BELDEN-5102U1 Datasheet
145Kb / 2P
Security & Sound, #14-4c, TC, CL3-FPL-PLTC, Water-Blocked
05-05-2023
5102U1-0021000 BELDEN-5102U1-0021000 Datasheet
145Kb / 2P
Security & Sound, #14-4c, TC, CL3-FPL-PLTC, Water-Blocked
05-05-2023
5102U1-0101000 BELDEN-5102U1-0101000 Datasheet
145Kb / 2P
Security & Sound, #14-4c, TC, CL3-FPL-PLTC, Water-Blocked
05-05-2023
logo
List of Unclassifed Man...
5102UE ETC2-5102UE Datasheet
95Kb / 2P
Multi-Conductor - Commercial Applications
logo
Belden Inc.
5102UE BELDEN-5102UE Datasheet
156Kb / 2P
Security & Sound, #14-4c, BC, CL3R
01-20-2023
More results

Similar Description - 5102UP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5100UP BELDEN-5100UP Datasheet
144Kb / 2P
Audio Cable, 2 Conductor 14 AWG, BC, Unshielded, CL3
04-13-2023
5302UP BELDEN-5302UP Datasheet
181Kb / 2P
Audio Cable, 4 Conductor 18 AWG BC, CM
12-20-2022
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
9717 BELDEN-9717 Datasheet
146Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
12-20-2022
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
5200UP BELDEN-5200UP Datasheet
176Kb / 2P
Audio Cable, 2 Conductor 16 AWG, BC, Unshielded, CM
04-28-2023
5202UP BELDEN-5202UP Datasheet
149Kb / 2P
Audio Cable, 4 Conductor 16 AWG, BC, Unshielded, CM
05-01-2023
8649 BELDEN-8649 Datasheet
151Kb / 2P
Speaker Cable, 2 Conductor 20 AWG BC, Unshielded, CM
12-19-2022
8812 BELDEN-8812 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com