Electronic Components Datasheet Search
  English  ▼

X  

6300FE Datasheet(PDF) 2 Page - Belden Inc.

Part # 6300FE
Description  Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

6300FE Datasheet(HTML) 2 Page - Belden Inc.

  6300FE Datasheet HTML 1Page - Belden Inc. 6300FE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max. Pull Tension:
50.3 lbs (22.8 kg)
Bulk Cable Weight:
21 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor - Plenum, Indoor
Flammability / Reaction to Fire:
NFPA 262, UL 910 (Plenum), FT6, IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
NEC / UL Compliance:
Article 800, CMP
CEC / C(UL) Compliance:
CMP
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Non-Plenum Number:
5300FH
History
Update and Revision:
Revision Number: 0.524 Revision Date: 04-13-2023
Part Numbers
Variants
Item #
Color
Putup Type
Length
UPC
Footnote
6300FE 010Z500
Black
ReelTuff Box 500 ft
6300FE 010U1000 Black
UnReel
1,000 ft 612825423201
6300FE 0101000
Black
Reel
1,000 ft 612825174721
6300FE 010Z1000 Black
ReelTuff Box 1,000 ft 612825174752
6300FE D151000
Blue
Reel
1,000 ft 612825174776
6300FE 008U1000 Gray
UnReel
1,000 ft 612825423188
6300FE 008Z1000 Gray
ReelTuff Box 1,000 ft 612825350613
6300FE 0051000
Green, Dark Reel
1,000 ft 612825350606
6300FE 877500
Natural
Reel
500 ft
612825174738
6300FE 877U500
Natural
UnReel
500 ft
612825423218
6300FE 8771000
Natural
Reel
1,000 ft 612825174769 C
6300FE 877U1000 Natural
UnReel
1,000 ft 612825174745
6300FE 877Z1000 Natural
ReelTuff Box 1,000 ft 612825350699
6300FE 0021000
Red
Reel
1,000 ft 612825350576
6300FE 0071000
Violet
Reel
1,000 ft 612825174684
6300FE 009U250
White
UnReel
250 ft
612825174714
6300FE 009U500
White
UnReel
500 ft
612825423195
6300FE 009U1000 White
UnReel
1,000 ft 612825174707
6300FE 0091000
White
Reel
1,000 ft 612825174691
6300FE 009Z1000 White
ReelTuff Box 1,000 ft 612825350620
6300FE 0041000
Yellow
Reel
1,000 ft 612825350583
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com