Electronic Components Datasheet Search
  English  ▼

X  

6345PC Datasheet(PDF) 1 Page - Belden Inc.

Part # 6345PC
Description  Security & Sound, 6 Pair 18 AWG BC, Individually Shielded, Plenum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

6345PC Datasheet(HTML) 1 Page - Belden Inc.

  6345PC Datasheet HTML 1Page - Belden Inc. 6345PC Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 6345PC
Security & Sound, 6 Pair 18 AWG BC, Individually Shielded, Plenum
Product Description
Security, Pro Audio & Intercom Cable, 6 Pair 18 AWG stranded (7x26) bare copper pairs with FEP insulation, Individually Beldfoil® shielded, Plenum,
Flamarrest® jacket.
Technical Specifications
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
6
18 AWG 7x26
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
FEP - Fluorinated Ethylene
Propylene
0.0095 in (0.24 mm) 0.0655 in (1.66 mm)
Black & White, Black & Green, Black & Blue, Black & Yellow, Black & Brown, Black & Red
Inner Shield
Element Shield Type
Material
Coverage
Drainwire Type
Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
FEP - Fluorinated Ethylene Propylene 0.019 in (0.48 mm) 0.402 in
Yes
Overall Cable Diameter (Nominal):
0.402 in
Electrical Characteristics
Electricals
Nom. Conductor DCR
Nom. Inner Shield DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
6.5 Ohm/1000ft
15.7 Ohm/1000ft (51.5 Ohm/km) 44 pF/ft (140 pF/m)
79.2 pF/ft (260 pF/m)
3.5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
-20°C To +75°C
Bend Radius
Stationary Min.
Installation Min.


Similar Part No. - 6345PC

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6345 POMONA-6345 Datasheet
79Kb / 1P
Deluxe Electronic Test Companion Kit
logo
Molex Electronics Ltd.
63454-0005 MOLEX11-63454-0005 Datasheet
38Kb / 1P
Insulation Punch
63454-0019 MOLEX11-63454-0019 Datasheet
34Kb / 1P
Punch
63454-0021 MOLEX11-63454-0021 Datasheet
35Kb / 1P
Insulation Punch
63454-0022 MOLEX11-63454-0022 Datasheet
36Kb / 1P
Insulation Punch
More results

Similar Description - 6345PC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6300FC BELDEN-6300FC Datasheet
179Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6302FC BELDEN-6302FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6342PC BELDEN-6342PC Datasheet
175Kb / 2P
Security & Sound, 3 Pair 18 AWG, BC, Individually Shielded, CMP
12-20-2022
6343PC BELDEN-6343PC Datasheet
183Kb / 2P
Security & Sound, 4 Pair 18 AWG BC, Individually Shielded, Plenum
12-20-2022
6400FC BELDEN-6400FC Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, Shielded, Plenum
12-20-2022
4545FE BELDEN-4545FE Datasheet
155Kb / 2P
Security & Sound, 6 Pair 22 AWG BC, LSZH, Shielded, Eca
08-25-2023
6341PC BELDEN-6341PC Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Individually Shielded, CMP
04-28-2023
6500FC BELDEN-6500FC Datasheet
180Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, Shielded, Plenum
12-20-2022
6501FE BELDEN-6501FE Datasheet
182Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Shielded, Plenum
03-29-2023
1326A BELDEN-1326A Datasheet
202Kb / 2P
Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP
12-20-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com