Electronic Components Datasheet Search
  English  ▼

X  

HBS802 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # HBS802
Description  Glass Passivated Single-Phase 8.0Amp Surface Mount Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

HBS802 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  HBS802 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD HBS802 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD HBS802 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD HBS802 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD HBS802 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N2257, Rev. -
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
HBS802
THRU
HBS810
Type Number
Symbol HBS802 HBS804 HBS806 HBS808 HBS810 Units
Maximum Forward Voltage (per element) @IF =1A
@IF =4A
@IF =8A
VF
0.82 Typ. 0.87 Max.
0.89 Typ. 0.94 Max.
0.94 Typ. 1.00 Max.
V
Maximum Peak Reverse Current @TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
0.15 Typ. 5.0 Max.
20.0 Typ. 100 Max.
µA
Typical capacitance(Note 1)
Cj
49
pF
* Pulse width < 300 µs, duty cycle < 2%
Type Number
Symbol HBS802 HBS804 HBS806 HBS808 HBS810 Units
Typical Thermal Resistance
RθJA
RθJC
RθJL
70.0
11.0
14.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Mounted at 1.0 MHz and applied reverse voltage of 5.0V DC;
Electrical Characteristics@TA=25°C unless otherwise specified
Thermal-Mechanical Specifications@TA=25°C unless otherwise specified
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com