Electronic Components Datasheet Search
  English  ▼

X  

MB05FU Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MB05FU
Description  1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MB05FU Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MB05FU Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MB05FU Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MB05FU Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MB05FU Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MB05FU Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N2268, Rev. -
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MB05FU
THRU
MB10FU
MB05FU THRU MB10FU SINGLE PHASE
1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
Circuit Diagram
Mechanical Data
Maximum Ratings @TA=25°C unless otherwise specified
Type Number
Symbol MB05FU MB1FU MB2FU MB4FU MB6FU MB8FU MB10FU Units
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
VDC
50
100
200
400
600
800
1000
V
RMS Voltage
VRMS
35
70
140
280
420
480
700
V
Maximum average forward rectified current
@
TC =100℃
IO
1
A
Non-Repetitive Peak Forward
Surge Current 8.3ms Single half
sine-wave superimposed on rated
load (JEDEC Method)
IFSM
35
A
I2t Rating for Fusing (t < 8.3ms)
I2t
5.083
A2s
Case: MBF, Molded plastic
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Polarity: as marked on case
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Designed for surface mount application
Plastic material-UL flammability 94V-0
This is a Pb − Free Device
“-HF” suffix is for Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
MBF


Similar Part No. - MB05FU

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MB05FU DYELEC-MB05FU Datasheet
686Kb / 2P
S I N GLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - MB05FU

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ABF2U SMC-ABF2U Datasheet
175Kb / 5P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
MB1SU DYELEC-MB1SU Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05MA DYELEC-MB05MA Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05MU DYELEC-MB05MU Datasheet
1,001Kb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF2U DYELEC-ABF2U Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101 DYELEC-DB101 Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101 Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB101S DYELEC-EDB101S Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101_17 Datasheet
3Mb / 3P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101S DYELEC-UDB101S_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com