Electronic Components Datasheet Search
  English  ▼

X  

SN54HC08 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC08
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC08 Datasheet(HTML) 5 Page - Texas Instruments

  SN54HC08 Datasheet HTML 1Page - Texas Instruments SN54HC08 Datasheet HTML 2Page - Texas Instruments SN54HC08 Datasheet HTML 3Page - Texas Instruments SN54HC08 Datasheet HTML 4Page - Texas Instruments SN54HC08 Datasheet HTML 5Page - Texas Instruments SN54HC08 Datasheet HTML 6Page - Texas Instruments SN54HC08 Datasheet HTML 7Page - Texas Instruments SN54HC08 Datasheet HTML 8Page - Texas Instruments SN54HC08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
PARAMETER MEASURMENT INFORMATION
NOTES: A. C includesprobeandtest-fixturecapacitance.
B. Phaserelationshipsbetweenwaveformswerechosenarbitrarily. Allinputpulsesaresuppliedbygeneratorshavingthefollowing
characteristics:PRR
1MHz,Z =50
,t =6ns,t =6ns.
C. Theoutputsaremeasuredoneatatimewithoneinputtransitionpermeasurement.
D.t
andt
arethesameast .
L
O
r
f
PLH
PHL
pd
≤
FromOutput
UnderTest
C =50pF
(seeNote A)
L
LOADCIRCUIT
Test
Point
VOLTAGEWAVEFORMS
INPUTRISE ANDFALL TIMES
Input
90%
90%
50%
50%
10%
10%
t
f
t
r
0V
V
CC
VOLTAGEWAVEFORMS
PROPAGATIONDELAY ANDOUTPUTTRANSITIONTIMES
t
PLH
t
PLH
t
PHL
t
PHL
Input
In-Phase
Output
Out-of-Phase
Output
90%
90%
90%
50%
10%
10%
10%
50%
50%
50%
50%
t
f
t
f
t
r
90%
10%
50%
t
r
V
CC
V
OL
V
OH
V
OH
0V
V
OL
SN54HC08, SN74HC08
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SCLS081F – DECEMBER 1982 – REVISED JANUARY 2007
Figure 1. Load Circuit and Voltage Waveforms
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com