Electronic Components Datasheet Search
  English  ▼

X  

MBR330FL Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MBR330FL
Description  MBR330FL SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR330FL Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MBR330FL Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR330FL Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR330FL Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR330FL Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1555, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR330FL
MBR330FL SCHOTTKY BARRIER RECTIFIER
Characteristic
Symbol
Value
Units
Peak Repetitive Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
VRRM
VRWM
VR
30
V
Maximum Average Rectified Forward Current at TA = 85°C
IF(AV)
3
A
Forward Voltage
@IF =3A,TA = 25°C
VFM
0.50
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
20
mA
Peak forward surge current 8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
80
A
Typical Junction Capacitance (Note 1)
CJ
160
pF
Typical thermal resistance (Note 2)
RΘJA
110
40
K/W
Operating Junction Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Note 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. 8.0mm²(.013mm thick) land areas
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: SOD-123FL, molded plastic
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band dentes cathode end
Mounting Position: Any
Weight: 0.02g
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
Guardring for over voltage protection
High temperature soldering guaranteed: 260°C/10
seconds at terminals
These Devices are Pb−Free and are RoHS Compliant
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request
SOD-123FL


Similar Part No. - MBR330FL

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBR330FL SMC-MBR330FL Datasheet
257Kb / 5P
Schottky Barrier Rectifiers
More results

Similar Description - MBR330FL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com